Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1085LZ-12 Datasheet (PDF) - Maxim Integrated Products

DS1085LZ-12 Datasheet PDF - Maxim Integrated Products
Part # DS1085LZ-12
Download  DS1085LZ-12 Download

File Size   325.84 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V EconOscillator Frequency Synthesizer

DS1085LZ-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1085LZ-12 Datasheet PDF - Maxim Integrated Products

Part # DS1085LZ-12
Download  DS1085LZ-12 Click to download

File Size   325.84 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V EconOscillator Frequency Synthesizer

DS1085LZ-12 Datasheet (HTML) - Maxim Integrated Products

Back Button DS1085LZ-12 Datasheet HTML 1Page - Maxim Integrated Products DS1085LZ-12 Datasheet HTML 2Page - Maxim Integrated Products DS1085LZ-12 Datasheet HTML 3Page - Maxim Integrated Products DS1085LZ-12 Datasheet HTML 4Page - Maxim Integrated Products DS1085LZ-12 Datasheet HTML 5Page - Maxim Integrated Products DS1085LZ-12 Datasheet HTML 6Page - Maxim Integrated Products DS1085LZ-12 Datasheet HTML 7Page - Maxim Integrated Products DS1085LZ-12 Datasheet HTML 8Page - Maxim Integrated Products DS1085LZ-12 Datasheet HTML 9Page - Maxim Integrated Products DS1085LZ-12 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

DS1085LZ-12 Product details

DESCRIPTION

The DS1085L is a dual-output frequency synthesizer requiring no external timing components for operation. It can be used as a standalone oscillator or as a dynamically programmed, processor-controlled peripheral device.



FEATURES

User-Programmable Frequency Synthesizer

Programmable From 4.1kHz to 66MHz

Dual Synchronous Outputs

4.13MHz to 66MHz Reference Oscillator Output

4.1kHz to 66MHz Main Oscillator Output

Single 3.0 to 3.6V Supply

Three Resolution Options

2-Wire Serial Interface

0.75% Absolute Accuracy

Nonvolatile (NV) Frequency Settings

No External Timing Components

Power-Down Mode



Similar Part No. - DS1085LZ-12

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
More results

Similar Description - DS1085LZ-12

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
Dallas Semiconductor
Dallas Semiconductor
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
Maxim Integrated Products
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
Integrated Device Technology
Integrated Device Techn...
ICS843204I IDT-ICS843204I Datasheet
382Kb / 16P
   3.3V LVPECL FREQUENCY SYNTHESIZER
Maxim Integrated Products
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
Dallas Semiconductor
Dallas Semiconductor
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Maxim Integrated Products
Maxim Integrated Produc...
DS1089L MAXIM-DS1089L Datasheet
490Kb / 12P
   3.3V Center SpreadSpectrum EconOscillator
Rev 1; 9/05
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com