Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301530022 Datasheet (PDF) - Molex Electronics Ltd.

1301530022 Datasheet PDF - Molex Electronics Ltd.
Part # 1301530022
Download  1301530022 Download

File Size   227.5 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description GFCI IN-LINE 15A WITH MOLDED PLUG & CONNECTOR

1301530022 Datasheet (PDF)

Go To PDF Page Download Datasheet
1301530022 Datasheet PDF - Molex Electronics Ltd.

Part # 1301530022
Download  1301530022 Click to download

File Size   227.5 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description GFCI IN-LINE 15A WITH MOLDED PLUG & CONNECTOR

1301530022 Datasheet (HTML) - Molex Electronics Ltd.


1301530022 Product details

TECHNICAL
AGENCY APPROVAL: cULus
RATED SUPPLY VOLTAGE: 120VAC
RATED CURRENT: UP TO 15 AMPS
RESET TYPE: MANUAL
OPERATING FREQUENCY: 60 Hz
TYPE: CLASS A
GROUND TRIP CURRENT: 4-6 mA
OVERLOAD CURRENT: 90 AMP
INSULATION VOLTAGE: 1,500 VRMS - 1 MINUTE
ENDURANCE OPERATIONS: 3000 OPERATIONS




Similar Part No. - 1301530022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530022 MOLEX11-1301530022 Datasheet
42Kb / 1P
   Safeway In-Line Commercial GFCI, Permanent Mount, Single Phase
1301530022 MOLEX1-1301530022_17 Datasheet
42Kb / 1P
   Safeway In-Line Commercial GFCI, Permanent Mount, Single Phase, Manual Reset
More results


Similar Description - 1301530022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530048 MOLEX-1301530048 Datasheet
238Kb / 1P
   GFCI IN-LINE 15A WITH SAFEWAY PLUG AND CONNECTOR
2022/02/02
1301530054 MOLEX-1301530054 Datasheet
271Kb / 1P
   GFCI IN-LINE 15A W/WATERTITE PLUG & CONNECTOR
2022/04/28
1301530060 MOLEX-1301530060 Datasheet
271Kb / 1P
   GFCI IN-LINE 15A W/WATERTITE PLUG & CONNECTOR
2022/04/28
1301530067 MOLEX-1301530067 Datasheet
271Kb / 1P
   GFCI IN-LINE 15A W/WATERTITE PLUG & CONNECTOR
2022/04/28
1301530055 MOLEX-1301530055 Datasheet
271Kb / 1P
   GFCI IN-LINE 15A W/WATERTITE PLUG & CONNECTOR
2022/04/28
1301530064 MOLEX-1301530064 Datasheet
271Kb / 1P
   GFCI IN-LINE 15A W/WATERTITE PLUG & CONNECTOR
2022/04/28
1301530095 MOLEX-1301530095 Datasheet
385Kb / 1P
   120V 15A GFCI PLUG W/ MOLDED CONNECTOR NEMA 5-15
2022/02/02
1301530092 MOLEX-1301530092 Datasheet
385Kb / 1P
   120V 15A GFCI PLUG W/ MOLDED CONNECTOR NEMA 5-15
2022/02/02
1301530119 MOLEX-1301530119 Datasheet
254Kb / 1P
   GFCI IN-LINE 20A WITH SAFEWAY PLUG AND CONNECTOR
2022/02/02
1301530173 MOLEX-1301530173 Datasheet
312Kb / 1P
   GFCI IN-LINE 30A WITH WATERTITE PLUG &CONN
2022/01/18
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com