Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

158303240A Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

158303240A Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 158303240A
Download  158303240A Download

File Size   1069.23 Kbytes
Page   9 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-SWTP SMT White Top view PLCC

158303240A Datasheet (PDF)

Go To PDF Page Download Datasheet
158303240A Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 158303240A
Download  158303240A Click to download

File Size   1069.23 Kbytes
Page   9 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-SWTP SMT White Top view PLCC

158303240A Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.

158303240A Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 158303240A Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 158303240A Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 158303240A Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 158303240A Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 158303240A Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 158303240A Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 158303240A Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 158303240A Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany.

158303240A Product details

General Information:
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 90 % RH
Storage Conditions (for single
parts) -40 up to +85 °C
Moisture Sensitivity Level (MSL) 3




Similar Part No. - 158303240A

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
158303227A WURTH-158303227A Datasheet
1Mb / 9P
   WL-SWTP SMT White Top view PLCC
001.000
158303230A WURTH-158303230A Datasheet
1Mb / 9P
   WL-SWTP SMT White Top view PLCC
001.000
158303250A WURTH-158303250A Datasheet
1Mb / 9P
   WL-SWTP SMT White Top view PLCC
001.000
158303260A WURTH-158303260A Datasheet
1Mb / 9P
   WL-SWTP SMT White Top view PLCC
001.000
More results


Similar Description - 158303240A

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
158563250A WURTH-158563250A Datasheet
1Mb / 9P
   WL-SWTP SMT White Top view PLCC
001.000
158563227A WURTH-158563227A Datasheet
1Mb / 9P
   WL-SWTP SMT White Top view PLCC
001.000
158563260A WURTH-158563260A Datasheet
1Mb / 9P
   WL-SWTP SMT White Top view PLCC
001.000
158301240A WURTH-158301240A Datasheet
1Mb / 9P
   WL-SWTP SMT White Top view PLCC
001.000
158303260A WURTH-158303260A Datasheet
1Mb / 9P
   WL-SWTP SMT White Top view PLCC
001.000
158563230A WURTH-158563230A Datasheet
1Mb / 9P
   WL-SWTP SMT White Top view PLCC
001.000
158301230A WURTH-158301230A Datasheet
1Mb / 9P
   WL-SWTP SMT White Top view PLCC
001.000
158301260A WURTH-158301260A Datasheet
1Mb / 9P
   WL-SWTP SMT White Top view PLCC
001.000
158303230A WURTH-158303230A Datasheet
1Mb / 9P
   WL-SWTP SMT White Top view PLCC
001.000
158301227A WURTH-158301227A Datasheet
1Mb / 9P
   WL-SWTP SMT White Top view PLCC
001.000
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com