Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2139390030 Datasheet (PDF) - Molex Electronics Ltd.

2139390030 Datasheet PDF - Molex Electronics Ltd.
Part # 2139390030
Download  2139390030 Download

File Size   225.95 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description HHL Tooling Kit for 6mm CST Receptacle Terminals, 6 AWG

2139390030 Datasheet (PDF)

Go To PDF Page Download Datasheet
2139390030 Datasheet PDF - Molex Electronics Ltd.

Part # 2139390030
Download  2139390030 Click to download

File Size   225.95 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description HHL Tooling Kit for 6mm CST Receptacle Terminals, 6 AWG

2139390030 Datasheet (HTML) - Molex Electronics Ltd.

2139390030 Datasheet HTML 1Page - Molex Electronics Ltd. 2139390030 Datasheet HTML 2Page - Molex Electronics Ltd.



Similar Part No. - 2139390030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2139380010 MOLEX-2139380010 Datasheet
36Kb / 1P
   Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 10 AWG
08/25/2022
2139380020 MOLEX-2139380020 Datasheet
35Kb / 1P
   Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 8 AWG
08/25/2022
2139380030 MOLEX-2139380030 Datasheet
36Kb / 1P
   Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 6 AWG
08/25/2022
2139380040 MOLEX-2139380040 Datasheet
35Kb / 1P
   Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 4 AWG
08/25/2022
2139380050 MOLEX-2139380050 Datasheet
36Kb / 1P
   Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 2 AWG
08/25/2022
More results


Similar Description - 2139390030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2139380030 MOLEX-2139380030 Datasheet
36Kb / 1P
   Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 6 AWG
08/25/2022
19289-0800 MOLEX-19289-0800 Datasheet
241Kb / 2P
   Tooling Kit for 1/0 AWG LP CST Female Terminal
07-12-18
2139380040 MOLEX-2139380040 Datasheet
35Kb / 1P
   Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 4 AWG
08/25/2022
2139380050 MOLEX-2139380050 Datasheet
36Kb / 1P
   Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 2 AWG
08/25/2022
2139380010 MOLEX-2139380010 Datasheet
36Kb / 1P
   Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 10 AWG
08/25/2022
2139380020 MOLEX-2139380020 Datasheet
35Kb / 1P
   Square "Din" Style Die Sets for 6mm Coeur CST Receptacle Terminals, 8 AWG
08/25/2022
ATS-640037970 MOLEX-ATS-640037970 Datasheet
226Kb / 3P
   Tooling Kit for 2 AWG Un-Insulated Ring Terminals
09-03-15
ATS-640037870 MOLEX-ATS-640037870 Datasheet
181Kb / 3P
   Tooling Kit for 4 AWG Un-Insulated Ring Terminals
09-03-15
63827-4070 MOLEX-63827-4070 Datasheet
365Kb / 4P
   Modular Crimp Tooling Kit for Guardian Power Receptacle Terminals
02-11-15
0640017770 MOLEX11-0640017770 Datasheet
29Kb / 1P
   Crimp Tool Kit for 6 AWG Insulated Ring Terminals
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com