Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1212010005 Datasheet (PDF) - Molex Electronics Ltd.

1212010005 Datasheet PDF - Molex Electronics Ltd.
Part # 1212010005
Download  1212010005 Download

File Size   31.23 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description mPm DIN Valve Connector, Form A-18mm, External Thread, 2 Pole Plus Ground Terminal, 250V AC/DC, Gray, Nitrile Gasket, Unmounted, Single Pack

1212010005 Datasheet (PDF)

Go To PDF Page Download Datasheet
1212010005 Datasheet PDF - Molex Electronics Ltd.

Part # 1212010005
Download  1212010005 Click to download

File Size   31.23 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description mPm DIN Valve Connector, Form A-18mm, External Thread, 2 Pole Plus Ground Terminal, 250V AC/DC, Gray, Nitrile Gasket, Unmounted, Single Pack

1212010005 Datasheet (HTML) - Molex Electronics Ltd.

1212010005 Datasheet HTML 1Page - Molex Electronics Ltd. 1212010005 Datasheet HTML 2Page - Molex Electronics Ltd.

1212010005 Product details

Agency Certification
UL E218123
General
Product Family Field Attachable / Accessories
Series 121201
Form A - 18mm
IP Rating IP65, IP67
Material - Contact Brass
Overview mPm DIN Valve Connectors
Product Name mPm
Type Field Attachable Connector
UPC 883906711450

Physical
Cable Diameter N/A
Coupling Type External Thread
Diagnostics / LEDs Yes
Diagnostics Port No
Gender N/A
Keyway None
Material - Connector Body Polyamide
Material - Coupling Nut N/A
Material - Plating Mating Silver
Net Weight 21.624/g
Orientation 90° Angle
Pitch - Mating Interface 18.00mm
Poles 2
Temperature Range - Operating -40°C to +90°C
Wire Size AWG N/A



Similar Part No. - 1212010005

ManufacturerPart #DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
1212010005 MOLEX-1212010005 Datasheet
579Kb / 2P
   TYPE A ASSEMBLY SERIES 121201
2022/01/28
More results

Similar Description - 1212010005

ManufacturerPart #DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
1210400295 MOLEX-1210400295 Datasheet
46Kb / 1P
   mPm DIN Valve Connector, Form B - 11mm, 2 Pole Plus Ground Position H12, to 1.0m
121211-0042 MOLEX-121211-0042 Datasheet
46Kb / 1P
   mPm DIN Valve Connector, Type C Micro with Circuit C4, 24V AC/DC
3M Electronics
3M Electronics
847 3M-847 Datasheet
310Kb / 4P
   Nitrile High Performance Rubber & Gasket Adhesive
Molex Electronics Ltd.
Molex Electronics Ltd.
121201 MOLEX-121201 Datasheet
1Mb / 4P
   Brad짰 mPm짰 DIN Valve Connectors New Generation
TE Connectivity Ltd
TE Connectivity Ltd
RPII-2 TEC-RPII-2 Datasheet
313Kb / 2P
   2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
IXYS Corporation
IXYS Corporation
LCA210 IXYS-LCA210 Datasheet
122Kb / 7P
   Dual-Pole, 2-Form-A OptoMOS Relay
Molex Electronics Ltd.
Molex Electronics Ltd.
1301550039 MOLEX11-1301550039 Datasheet
39Kb / 1P
   Safeway Connector with Locking Blade, 2 Pole/3 Wire, Non-NEMA, 600V AC/250V DC
3M Electronics
3M Electronics
847H 3M-847H Datasheet
310Kb / 4P
   3M??Nitrile High Performance Rubber & Gasket Adhesive
Molex Electronics Ltd.
Molex Electronics Ltd.
1210400096 MOLEX11-1210400096 Datasheet
171Kb / 3P
   DIN Form A over mould
130144-0022 MOLEX11-130144-0022 Datasheet
45Kb / 1P
   Safeway Connector, 2 Pole/2 Wire, NEMA L2-20, 250V
1301440022 MOLEX11-1301440022 Datasheet
38Kb / 1P
   Safeway Connector, 2 Pole/2 Wire, NEMA L2-20, 250V
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com