Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1391645 Datasheet (PDF) - PHOENIX CONTACT

1391645 Datasheet PDF - PHOENIX CONTACT
Part No. 1391645
Download  1391645 Click to view

File Size   346.34 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - PC 5/ 2-STF1-15,24

1391645 Datasheet (PDF)

Go To PDF Page Download Datasheet
1391645 Datasheet PDF - PHOENIX CONTACT

Part No. 1391645
Download  1391645 Click to view

File Size   346.34 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - PC 5/ 2-STF1-15,24

1391645 Datasheet (HTML) - PHOENIX CONTACT

1391645 Datasheet HTML 1Page - PHOENIX CONTACT 1391645 Datasheet HTML 2Page - PHOENIX CONTACT 1391645 Datasheet HTML 3Page - PHOENIX CONTACT 1391645 Datasheet HTML 4Page - PHOENIX CONTACT 1391645 Datasheet HTML 5Page - PHOENIX CONTACT 1391645 Datasheet HTML 6Page - PHOENIX CONTACT 1391645 Datasheet HTML 7Page - PHOENIX CONTACT 1391645 Datasheet HTML 8Page - PHOENIX CONTACT 1391645 Datasheet HTML 9Page - PHOENIX CONTACT 1391645 Datasheet HTML 10Page - PHOENIX CONTACT

1391645 Product details

PCB connector, nominal cross section: 6 mm2, color: black, nominal current: 41 A, rated voltage (III/2): 1000 V, contact surface: Tin, type of contact: Female connector, number of rows: 1, number of positions: 2, product range: PC 5/..-STF1, pitch: 15.24 mm, connection method: Screw connection with tension sleeve, screw head form: Z1L Slotted Pozidriv, conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON PC 5, locking: Screw locking, mounting: Screw flange, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Screwable flange for superior mechanical stability



Similar Part No. - 1391645

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1391646 PHOENIX-1391646 Datasheet
345Kb / 10P
   PCB connector - PC 5/ 3-STF1-15,24
Jul 20, 2022
1391647 PHOENIX-1391647 Datasheet
344Kb / 10P
   PCB connector - PC 5/ 5-STF1-15,24
Jul 20, 2022
1391648 PHOENIX-1391648 Datasheet
344Kb / 10P
   PCB connector - PC 5/ 6-STF1-15,24
Jul 20, 2022
More results

Similar Description - 1391645

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1777833 PHOENIX-1777833 Datasheet
98Kb / 6P
   Printed-circuit board connector - PC 5/ 2-STF1-7,62
1777862 PHOENIX-1777862 Datasheet
297Kb / 14P
   Printed-circuit board connector - PC 5/ 5-STF1-7,62
1777875 PHOENIX-1777875 Datasheet
303Kb / 14P
   Printed-circuit board connector - PC 5/ 6-STF1-7,62
1777901 PHOENIX-1777901 Datasheet
104Kb / 6P
   Printed-circuit board connector - PC 5/ 9-STF1-7,62
1783940 PHOENIX-1783940 Datasheet
92Kb / 5P
   PC 5/ 4-STF1-7,62 BK
1777914 PHOENIX-1777914 Datasheet
98Kb / 6P
   Printed-circuit board connector - PC 5/10-STF1-7,62
1777930 PHOENIX-1777930 Datasheet
110Kb / 6P
   Printed-circuit board connector - PC 5/12-STF1-7,62
1783924 PHOENIX-1783924 Datasheet
102Kb / 4P
   PC 5/ 4-STF1-7,62 BG
11/04/2018
1777888 PHOENIX-1777888 Datasheet
104Kb / 6P
   Printed-circuit board connector - PC 5/ 7-STF1-7,62
1777891 PHOENIX-1777891 Datasheet
98Kb / 6P
   Printed-circuit board connector - PC 5/ 8-STF1-7,62
1777927 PHOENIX-1777927 Datasheet
104Kb / 6P
   Printed-circuit board connector - PC 5/11-STF1-7,62
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz