Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2508-EPU-SM Datasheet (PDF) - TriQuint Semiconductor

TGA2508-EPU-SM Datasheet PDF - TriQuint Semiconductor
Part # TGA2508-EPU-SM
Download  TGA2508-EPU-SM Download

File Size   142.45 Kbytes
Page   10 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description Ku-Band VSAT Packaged Amplifier

TGA2508-EPU-SM Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA2508-EPU-SM Datasheet PDF - TriQuint Semiconductor

Part # TGA2508-EPU-SM
Download  TGA2508-EPU-SM Click to download

File Size   142.45 Kbytes
Page   10 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description Ku-Band VSAT Packaged Amplifier

TGA2508-EPU-SM Datasheet (HTML) - TriQuint Semiconductor

TGA2508-EPU-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 10Page - TriQuint Semiconductor

TGA2508-EPU-SM Product details

Key Features
 • Typical Frequency Range: 12 - 19 GHz
 • 25 dB Nominal Gain
 • 29 dBm Nominal P1dB
 • Bias Conditions: 7 V, 433 mA
 • PHEMT Technology
 • Low cost true surface mount package
 • Package Dimensions: 4.0 x 4.0 x 0.9 mm (0.157 x 0.157 x 0.035 in)

Primary Applications
 • VSAT Ground Terminals
 • Point to Point Radio
 • Military Ku Band
 • Ku-Band Space




Similar Part No. - TGA2508-EPU-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2508-EPU TRIQUINT-TGA2508-EPU Datasheet
165Kb / 10P
   12-19 GHz VSAT Amplifier
More results


Similar Description - TGA2508-EPU-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2508-SM TRIQUINT-TGA2508-SM_15 Datasheet
386Kb / 9P
   Ku-Band VSAT Packaged Amplifier
TGA8658-SG TRIQUINT-TGA8658-SG_15 Datasheet
215Kb / 9P
   Ku Band 2W Packaged Amplifier
TGA8658-EPU-SG TRIQUINT-TGA8658-EPU-SG Datasheet
106Kb / 8P
   Ku Band 2W Packaged Amplifier
logo
Analog Devices
HMC709LC5 AD-HMC709LC5 Datasheet
373Kb / 6P
   Ku Band VSAT Upconverters
logo
TriQuint Semiconductor
TGA2904-FL TRIQUINT-TGA2904-FL Datasheet
154Kb / 7P
   Ku Band 2 Watt Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL_15 Datasheet
422Kb / 8P
   Ku Band 2 Watt Packaged Amplifier
TGA2510-EPU-SG TRIQUINT-TGA2510-EPU-SG Datasheet
203Kb / 11P
   Ku Band 2 Watt Packaged Amplifier
TGA2507-SM TRIQUINT-TGA2507-SM Datasheet
113Kb / 10P
   Ku-Band 3-Stage Driver Packaged Amplifier
TGA2507-SM TRIQUINT-TGA2507-SM_15 Datasheet
311Kb / 11P
   Ku-Band 3-Stage Driver Packaged Amplifier
TGA2533-SM TRIQUINT-TGA2533-SM_15 Datasheet
878Kb / 13P
   Ku-Band Power Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com