Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2317B Datasheet (PDF) - AiT Semiconductor Inc.

AM2317B Datasheet PDF - AiT Semiconductor Inc.
Part # AM2317B
Download  AM2317B Download

File Size   660.47 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET -20V SINGLE P-CHANNEL MOSFET

AM2317B Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2317B Datasheet PDF - AiT Semiconductor Inc.

Part # AM2317B
Download  AM2317B Click to download

File Size   660.47 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET -20V SINGLE P-CHANNEL MOSFET

AM2317B Datasheet (HTML) - AiT Semiconductor Inc.

AM2317B Datasheet HTML 1Page - AiT Semiconductor Inc. AM2317B Datasheet HTML 2Page - AiT Semiconductor Inc. AM2317B Datasheet HTML 3Page - AiT Semiconductor Inc. AM2317B Datasheet HTML 4Page - AiT Semiconductor Inc. AM2317B Datasheet HTML 5Page - AiT Semiconductor Inc. AM2317B Datasheet HTML 6Page - AiT Semiconductor Inc. AM2317B Datasheet HTML 7Page - AiT Semiconductor Inc. AM2317B Datasheet HTML 8Page - AiT Semiconductor Inc.

AM2317B Product details

DESCRIPTION
V
DS 20V
V
GS =±8V
ID(A)=
5.3 A
R
DS(ON) ON)=3 1 mΩ(Typ.)@V GS 4.5 V
R
DS(ON) ON)=4 0 mΩ(Typ.)@V GS 2.5 V
R
DS(ON) 50 mΩ(Typ.)@V GS 1.8 V
R
DS(ON) 60 mΩ(Typ.)@V GS 1.5 V
The AM2317B is available in SOT-23 package.

FEATURES
 Trech DMOS Technology
 1.5V Low gate drive applications
 Available in SOT-23 p ackage

APPLICATIONS
 Portable Equ ipment
 Power Management




Similar Part No. - AM2317B

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM2317 AITSEMI-AM2317 Datasheet
825Kb / 9P
   MOSFET P-CHANNEL ENHANCEMENT MODE
REV3.0
AM2317A AITSEMI-AM2317A Datasheet
651Kb / 8P
   MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM2317AE3SR AITSEMI-AM2317AE3SR Datasheet
651Kb / 8P
   MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM2317AE3SVR AITSEMI-AM2317AE3SVR Datasheet
651Kb / 8P
   MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM2317E3R AITSEMI-AM2317E3R Datasheet
825Kb / 9P
   MOSFET P-CHANNEL ENHANCEMENT MODE
REV3.0
More results


Similar Description - AM2317B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
   20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
   20V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2301A GOOD-ARK-SSF2301A Datasheet
333Kb / 4P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
   20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2305 TSC-TSM2305 Datasheet
384Kb / 6P
   20V P-Channel MOSFET
TSM3441 TSC-TSM3441_08 Datasheet
125Kb / 6P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
   20V P-Channel MOSFET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com