Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NFZ2HBM330SN10 Datasheet (PDF) - Murata Manufacturing Co., Ltd

NFZ2HBM330SN10 Datasheet PDF - Murata Manufacturing Co., Ltd
Part # NFZ2HBM330SN10_V01
Download  NFZ2HBM330SN10 Download

File Size   265.55 Kbytes
Page   3 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.

NFZ2HBM330SN10 Datasheet (PDF)

Go To PDF Page Download Datasheet
NFZ2HBM330SN10 Datasheet PDF - Murata Manufacturing Co., Ltd

Part # NFZ2HBM330SN10_V01
Download  NFZ2HBM330SN10 Click to download

File Size   265.55 Kbytes
Page   3 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.

NFZ2HBM330SN10 Datasheet (HTML) - Murata Manufacturing Co., Ltd

NFZ2HBM330SN10_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd NFZ2HBM330SN10_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd NFZ2HBM330SN10_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd

NFZ2HBM330SN10 Product details

1. NFZ2HBM series is designed to suppress radiation noise
from the LED power line around the frequency range from
30MHz to 200MHz.
With high impedance generated in small package,
this product can suppress noise element connecting
to noise conduction route in series.
Moreover, with wide line up corresponding to various
frequency range, optimum product can be selected
according to the model or set.

2. The nickel barrier structure of the external electrodes
provides excellent solder heat resistance.

3. NFZ2HBM series low DC Resistance.Large Current in a small.
The Rated Current is the maximum 1.2A.

4. Corresponds to 125 ℃ maximum use temperature.



Similar Part No. - NFZ2HBM330SN10_V01

ManufacturerPart #DatasheetDescription
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
NFZ2HBM330SN10 MURATA-NFZ2HBM330SN10 Datasheet
187Kb / 3P
   Operating Temperature Range
More results

Similar Description - NFZ2HBM330SN10_V01

ManufacturerPart #DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
63824-3000 MOLEX-63824-3000 Datasheet
143Kb / 2P
   This tool is designed to unlock the 171228-0002 TPA from the 31567 series Headers
03-07-13
TE Connectivity Ltd
TE Connectivity Ltd
20EHZ6 TEC-20EHZ6 Datasheet
301Kb / 2P
   Designed to provide good attenuation from 10kHz to 30MHz
Littelfuse
Littelfuse
1SMB10CAT3G LITTELFUSE-1SMB10CAT3G Datasheet
730Kb / 6P
   The 1SMB10CAT3Gv series is designed to protect voltage sensitive components from high voltage
1.5SMCXXAT3G LITTELFUSE-1.5SMCXXAT3G Datasheet
767Kb / 5P
   The 1.5SMCxxAT3G series is designed to protect voltage sensitive components from high voltage
1SMA5.0AT3G LITTELFUSE-1SMA5.0AT3G Datasheet
723Kb / 5P
   The 1SMA5.0AT3G series is designed to protect voltage sensitive components from high voltage
1SMA10CAT3G LITTELFUSE-1SMA10CAT3G Datasheet
733Kb / 5P
   The 1SMA10CAT3G series is designed to protect voltage sensitive components from high voltage
SMF5.0AT1G LITTELFUSE-SMF5.0AT1G Datasheet
849Kb / 5P
   The SMF5.0AT1G Series is designed to protect voltage sensitive components from high voltage
SZ1SMB LITTELFUSE-SZ1SMB Datasheet
800Kb / 8P
   The SZ1SMB series is designed to protect voltage sensitive components from high voltage
PHOENIX CONTACT
PHOENIX CONTACT
2203142 PHOENIX-2203142 Datasheet
55Kb / 2P
   Item is from the HCS product range
2202465 PHOENIX-2202465 Datasheet
42Kb / 1P
   Item is from the ME product range
2203137 PHOENIX-2203137 Datasheet
51Kb / 2P
   Item is from the HCS product range
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com