Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A7523 Datasheet (PDF) - AiT Semiconductor Inc.

A7523 Datasheet PDF - AiT Semiconductor Inc.
Part # A7523
Download  A7523 Download
File Size   573.13 Kbytes
Page   10 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DC-DC CONVERTERBOOST(STEP-UP) SUPER-SMALL PACKAGE PWM CONTROL STEP-UP SWITCHING REGULATOR

A7523 Datasheet (PDF)

Go To PDF Page Download Datasheet
A7523 Datasheet PDF - AiT Semiconductor Inc.

Part # A7523
Download  A7523 Click to download

File Size   573.13 Kbytes
Page   10 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DC-DC CONVERTERBOOST(STEP-UP) SUPER-SMALL PACKAGE PWM CONTROL STEP-UP SWITCHING REGULATOR

A7523 Datasheet (HTML) - AiT Semiconductor Inc.


A7523 Product details

DESCRIPTION
The A7523 is a compact, high efficiency, and low voltage step-up DC/DC converter with an Adaptive Current Mode PWM control loop, includes an error amplifier, ramp generator, comparator, switch pass element and driver in which providing a stable and high efficient operation over a wide range of load currents. It operates in stable waveforms without external compensation.
The low start-up input voltage below 1V makes A7523 suitable for 1 to 4 battery cells applications of providing up to 600mA output current. Besides, the 14μA low quiescent current together with high efficiency maintains long battery lifetime. The output voltage is set with two external resistors. Both internal 2A switch and driver for driving external power devices (NMOS or NPN) are provided.
The A7523 is available in SOT-26 package.

FEATURES
 0.8V(Iout=1mA) Low Start-up Input Voltage
 500kHz Fixed Switching Frequency
 90% Efficiency
 High Supply Capability to Deliver 3.3V 300mA with1 Alkaline Cell or Deliver 5V 800mA with 1 Li-ion Cell
 14μA Quiescent (Switch-off) Supply Current
 0.01μA Shutdown Mode Supply Current
 Providing Flexibility for Using Internal and External Power Switches
 Output voltage: Settable to between 2.0V to 6.0V ,accuracy of 2%
 Available in SOT-26 package.

APPLICATION
 MP3
 PDA
 DSC
 LCD Panel
 RF-Tags
 Portable Instrument
 Wireless Equipment




Similar Part No. - A7523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
A75240 TI-A75240 Datasheet
227Kb / 9P
USB PORT TRANSIENT SUPPRESSORS
logo
AiT Semiconductor Inc.
A7525 AITSEMI-A7525 Datasheet
507Kb / 13P
DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
A7525E6R-ADJ AITSEMI-A7525E6R-ADJ Datasheet
507Kb / 13P
DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
A7525E6VR-ADJ AITSEMI-A7525E6VR-ADJ Datasheet
507Kb / 13P
DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
More results


Similar Description - A7523

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8321 SII-S-8321 Datasheet
1Mb / 26P
SMALL PACKAGE PFM CONTROL STEP-UP SWITCHING REGULATOR
logo
Torex Semiconductor
XC9106 TOREX-XC9106 Datasheet
109Kb / 8P
PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
XC910607 TOREX-XC910607 Datasheet
81Kb / 7P
PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
logo
Leshan Radio Company
LR8301 LRC-LR8301 Datasheet
426Kb / 9P
SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
logo
Seiko Instruments Inc
S8355 SII-S8355 Datasheet
3Mb / 72P
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8363 SII-S8363 Datasheet
2Mb / 50P
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
logo
List of Unclassifed Man...
CE8301 ETC1-CE8301 Datasheet
441Kb / 11P
SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
logo
ABLIC Inc.
S-8363 ABLIC-S-8363 Datasheet
792Kb / 50P
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_02
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
ACE Technology Co., LTD...
ACE701CA ACE-ACE701CA Datasheet
806Kb / 13P
Small Package PFM Control Step-Up DC/DC Converter
VER 1.2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com