Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A7240MP8R Datasheet (PDF) - AiT Semiconductor Inc.

A7240MP8R Datasheet PDF - AiT Semiconductor Inc.
Part # A7240MP8R
Download  A7240MP8R Download

File Size   463.68 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS

A7240MP8R Datasheet (PDF)

Go To PDF Page Download Datasheet
A7240MP8R Datasheet PDF - AiT Semiconductor Inc.

Part # A7240MP8R
Download  A7240MP8R Click to download

File Size   463.68 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS

A7240MP8R Datasheet (HTML) - AiT Semiconductor Inc.


A7240MP8R Product details

DESCRIPTION
The A7240 is a wide input range, high-efficiency, DC-to-DC step-down switching regulator, capable of delivering up to 4A of output current. Current mode PWM control allows the use of small external components, such as ceramic input and output caps, as well as small inductors, while still providing low output ripples. On top of the integrated internal synchronous rectifier that eliminates external Schottky diode, A7240 also employs a proprietary control scheme that switches the device into a power save mode during light load, thereby extending the range of high efficiency operation. Therefore, A7240 is a much superior solution in comparison to other competitions in terms of efficiency and cost. Overall, A7240 is a highly efficient and robust solution for DC-DC step-down applications that requires wide input ranges.
The
A7240 is available in P SOP8 p ackage

FEATURES
⚫ Wide Input Operating Range from 4.2V to 16V
⚫ High Efficiency: Up to 95% at Light Load
⚫ Capable of Delivering 4A
⚫ No external Schottky Diode Needed
⚫ Inductor Short Circuit Protection
⚫ Current Mode Control
⚫ 0.923 V Reference for Low Output Voltages
⚫ Logic Control Shutdown
⚫ Thermal Shutdown and UVLO
⚫ Available in P SOP8 package

APPLICATION
⚫ LCD TVs
⚫ Notebook computers
⚫ FPGA power supplies
⚫ LED drivers




Similar Part No. - A7240MP8R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A7240 UTC-A7240 Datasheet
106Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240-TB7-T UTC-A7240-TB7-T Datasheet
106Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240G-TB7-T UTC-A7240G-TB7-T Datasheet
195Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240L-TB7-T UTC-A7240L-TB7-T Datasheet
106Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240L-TB7-T UTC-A7240L-TB7-T Datasheet
195Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
More results


Similar Description - A7240MP8R

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE729C ACE-ACE729C Datasheet
448Kb / 8P
4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Shenzhen Huazhimei Semi...
HM1488C HMSEMI-HM1488C Datasheet
877Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8034 BELLING-BL8034 Datasheet
710Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
logo
AiT Semiconductor Inc.
A7231A AITSEMI-A7231A Datasheet
893Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 3A, 16V SYNCHRONOUS
REV1.0
A7222A AITSEMI-A7222A Datasheet
1Mb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 16V, 2A SYNCHRONOUS
REV1.0
logo
Maxim Integrated Produc...
MAX16962 MAXIM-MAX16962 Datasheet
637Kb / 13P
4A, 2.2MHz, Synchronous Step-Down DC-DC Converter
Rev 3; 7/15
logo
Monolithic Power System...
MP2207 MPS-MP2207 Datasheet
541Kb / 14P
16V, 4A, 1.3MHz Synchronous Step-Down Converter
MP2214 MPS-MP2214 Datasheet
351Kb / 12P
16V, 4A, 600kHz Synchronous Step-Down Converter
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
16V, 4A, 600kHz Synchronous Step-Down Converter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com