Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4730 Datasheet (PDF) - AiT Semiconductor Inc.

A4730 Datasheet PDF - AiT Semiconductor Inc.
Part # A4730
Download  A4730 Download

File Size   698.98 Kbytes
Page   13 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)

A4730 Datasheet (PDF)

Go To PDF Page Download Datasheet
A4730 Datasheet PDF - AiT Semiconductor Inc.

Part # A4730
Download  A4730 Click to download

File Size   698.98 Kbytes
Page   13 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)

A4730 Datasheet (HTML) - AiT Semiconductor Inc.


A4730 Product details

DESCRIPTION
The A4730 is a Low-Power, Two-Port, High-Speed, USB2.0 (480Mbps) double–pole double-throw (DPDT) Analog Switch featuring an On-Resistance of 4.5Ω at VCC=3V and a Low On Capacitance 3.7pF Typical.
The A4730 is compatible with the requirements of USB2.0 and the wide bandwidth needed to pass the third harmonic, resulting in signals with minimum edge and phase distortion. Superior channel-to channel crosstalk also minimizes interference. Break-before-make function for both parts eliminates signal disruption during switching from preventing both switches being enabled simultaneously.
The A4730 contains special circuitry on the switch I/O pins for applications where the VCC supply is powered-off (VCC=0), which allows the device to withstand an over-voltage condition. This device is designed to minimize current consumption even when the control voltage applied to the Sel pin is lower than the supply voltage (VCC). This feature is especially valuable to ultra-portable applications, such as cell phones, allowing for direct interface with the general purpose I/Os of the baseband processor. Other applications include switching and connector sharing in portable cell phones, PDAs, digital cameras, printers, and notebook computers.
The A4730 is available in TQFN10 (1.8x1.4) and MSOP10 packages.

FEATURES
 Wide Power Supply Range: 2.3V to 5V
 Low On Capacitance 3.7pF Typical
 Low On Resistance 4.5Ω (typ.) at 3V VDD when VSW=0.4V
 High Bandwidth (-3db): >720MHz without CL and >550MHz with CL=5pF
 Low Power Consumption: 1uA Maximum
 ESD: pass 8kV HBM test
 Over voltage tolerance (OVT) on all USB ports up to 5.25V without external components
 TTL/CMOS Compatible
 Break-Before-Make Switching
 Operation Temperature Range: -40℃ to 85℃
 Available in TQFN10 (1.8x1.4) and MSOP10 Packages APPLICATION
 Cell phone, PDAs, Digital camera, Notebook, LCD Monitor, TV, SET-TOP BOX




Similar Part No. - A4730

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
A473 WINGS-A473 Datasheet
69Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Bel Fuse Inc.
A473-0005-06 BEL-A473-0005-06 Datasheet
60Kb / 1P
   1 TAP LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES
A473-0005-A3 BEL-A473-0005-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES
A473-0007-06 BEL-A473-0007-06 Datasheet
60Kb / 1P
   1 TAP LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES
A473-0007-A3 BEL-A473-0007-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES
More results


Similar Description - A4730

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4732 AITSEMI-A4732 Datasheet
569Kb / 13P
   DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)
REV2.0
logo
Fairchild Semiconductor
FSUSB43 FAIRCHILD-FSUSB43 Datasheet
248Kb / 2P
   Low-Power, Two-Port, High-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
140Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42_08 Datasheet
250Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB104 FAIRCHILD-FSUSB104 Datasheet
397Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40_08 Datasheet
247Kb / 2P
   Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42 Datasheet
147Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
   USB2.0 High-Speed (480Mbps) Analog Switch
logo
Fairchild Semiconductor
FSUSB42 FAIRCHILD-FSUSB42_12 Datasheet
723Kb / 10P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
FSUSB42MUX FAIRCHILD-FSUSB42MUX Datasheet
1Mb / 10P
   FSUSB42 ??Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com