Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C16100S-45KG Datasheet (PDF) - Integrated Circuit Solution Inc

IC41C16100S-45KG Datasheet PDF - Integrated Circuit Solution Inc
Part # IC41C16100S-45KG
Download  IC41C16100S-45KG Download
File Size   672.77 Kbytes
Page   21 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE

IC41C16100S-45KG Datasheet (PDF)

Go To PDF Page Download Datasheet
IC41C16100S-45KG Datasheet PDF - Integrated Circuit Solution Inc

Part # IC41C16100S-45KG
Download  IC41C16100S-45KG Click to download

File Size   672.77 Kbytes
Page   21 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE

IC41C16100S-45KG Datasheet (HTML) - Integrated Circuit Solution Inc


IC41C16100S-45KG Product details

DESCRIPTION

The ICSIIC41C16100S and IC41LV16100S are 1,048,576 x 16-bit high-performance CMOS Dynamic Random Access Memories. These devices offer an accelerated cycle access called EDO Page Mode. EDO Page Mode allows 1,024 random accesses within a single row with access cycle time as short as 20 ns per 16-bit word. The Byte Write control, of upper and lower byte, makes the IC41C16100S ideal for use in 16-, 32-bit wide data bus systems.



FEATURES

• Extended Data-Out (EDO) Page Mode access cycle

• TTL compatible inputs and outputs; tristate I/O

• Refresh Interval:

  Refresh Mode: 1,024 cycles /16 ms

  RAS-Only, CAS-before-RAS(CBR), and Hidden

  Self refresh Mode- 1,024 cycles / 128ms

• JEDEC standard pinout

• Single power supply:

  5V ± 10% (IC41C16100S)

  3.3V ± 10% (IC41LV16100S)

• Byte Write and Byte Read operation via two CAS

• Industrail Temperature Range -40°C to 85°C




Similar Part No. - IC41C16100S-45KG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A-50K ICSI-IC41C16100A-50K Datasheet
231Kb / 21P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A-50T ICSI-IC41C16100A-50T Datasheet
231Kb / 21P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A-60K ICSI-IC41C16100A-60K Datasheet
231Kb / 21P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A-60T ICSI-IC41C16100A-60T Datasheet
231Kb / 21P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Similar Description - IC41C16100S-45KG

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A420616 AMICC-A420616 Datasheet
272Kb / 25P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com