Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A431AE3RX Datasheet (PDF) - AiT Semiconductor Inc.

A431AE3RX Datasheet PDF - AiT Semiconductor Inc.
Part # A431AE3RX
Download  A431AE3RX Download
File Size   611.92 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION

A431AE3RX Datasheet (PDF)

Go To PDF Page Download Datasheet
A431AE3RX Datasheet PDF - AiT Semiconductor Inc.

Part # A431AE3RX
Download  A431AE3RX Click to download

File Size   611.92 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION

A431AE3RX Datasheet (HTML) - AiT Semiconductor Inc.


A431AE3RX Product details

DESCRIPTION
The A431A and A432A devices are three-terminal adjustable shunt regulators, with specified thermal stability over applicable automotive, commercial, and military temperature ranges.
The output voltage can be set to any value between Vref (approximately 2.5V) and 36V, with two external resistors. These devices have a typical output impedance of 0.15 Ω. Active output circuitry provides a very sharp turn-on characteristic, making these devices excellent replacements for Zener diodes in many applications, such as onboard regulation, adjustable power supplies, and switching power supplies.
The A432A device has exactly the same functionality and electrical specifications as the A431A device, but has different pinouts. Both the A431A and A432A devices are offered in two grades, with initial tolerances (at 25°C) of 0.5% for A, and 1%, for the B. In addition, low output drift versus temperature ensures good stability over the entire temperature range. The A431A and A432A devices are characterized for operation from–40°C to 125°C.
The A431A and A432A are available in SOT-23 package.

FEATURES
⚫ Reference Voltage Tolerance at 25°C
-
0.5% (A Grade)
-
1% (B Grade)
⚫ Adjustable Output Voltage: Vref to 36V
⚫ Operation From -40°C to 125°C
⚫ Low Output Noise
⚫ 0.15Ω Typical Output Impedance
⚫ Sink current capability of 0.5 to 100mA
⚫ Available in SOT 23 package

APPLICATIONS
⚫ Adjustable Voltage and Current Referencing
⚫ Secondary Side Regulation in Flyback SMPS
⚫ Zener Replacement
⚫ Voltage Monitoring
⚫ Comparator with Integrated Reference




Similar Part No. - A431AE3RX

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A431AE3RX AITSEMI-A431AE3RX Datasheet
611Kb / 9P
SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
More results


Similar Description - A431AE3RX

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A431A AITSEMI-A431A Datasheet
611Kb / 9P
SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
logo
Zetex Semiconductors
ZHT2431 ZETEX-ZHT2431 Datasheet
176Kb / 6P
HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZHT2431 DIODES-ZHT2431 Datasheet
183Kb / 6P
HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
New Japan Radio
NJM2380 NJRC-NJM2380 Datasheet
223Kb / 5P
ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
logo
Silicon Standard Corp.
SS6431G SSC-SS6431G Datasheet
263Kb / 11P
Adjustable High-Precision Shunt Regulator
logo
New Japan Radio
NJM1431A NJRC-NJM1431A_10 Datasheet
116Kb / 6P
ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2820 NJRC-NJM2820 Datasheet
97Kb / 6P
ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM1431A NJRC-NJM1431A Datasheet
76Kb / 5P
ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2373 NJRC-NJM2373 Datasheet
128Kb / 5P
Adjustable High Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com