Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4059A Datasheet (PDF) - AiT Semiconductor Inc.

A4059A Datasheet PDF - AiT Semiconductor Inc.
Part # A4059A
Download  A4059A Download

File Size   360.07 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC

A4059A Datasheet (PDF)

Go To PDF Page Download Datasheet
A4059A Datasheet PDF - AiT Semiconductor Inc.

Part # A4059A
Download  A4059A Click to download

File Size   360.07 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC

A4059A Datasheet (HTML) - AiT Semiconductor Inc.

A4059A Datasheet HTML 1Page - AiT Semiconductor Inc. A4059A Datasheet HTML 2Page - AiT Semiconductor Inc. A4059A Datasheet HTML 3Page - AiT Semiconductor Inc. A4059A Datasheet HTML 4Page - AiT Semiconductor Inc. A4059A Datasheet HTML 5Page - AiT Semiconductor Inc. A4059A Datasheet HTML 6Page - AiT Semiconductor Inc. A4059A Datasheet HTML 7Page - AiT Semiconductor Inc. A4059A Datasheet HTML 8Page - AiT Semiconductor Inc.

A4059A Product details

DESCRIPTION
The A4059A provides a high integration solution for lithium-ion/polymer battery protection. The A4059A contains advanced power MOSFET, high-accuracy voltage detection circuits and delay circuits.
The A4059A has all the protection functions required in the battery application including over-charging, over-discharging, over-current and load short circuiting protection etc. The low standby current drains little current from the cell while in storage.
The device is targeted for any Li-Ion and Li-Poly battery-powered information appliances requiring long-term battery life.
The A4059A is available in SOT-25 package.

FEATURES
⚫ Protection of Charger Reverse Connection
⚫ Protection of Battery Cell Reverse Connection
⚫ High accuracy Voltage Detection
⚫ Charger Detection Function
⚫ 0V Battery Charging Enable/Disable Function
⚫ Int egr ate Advanced Power MOSFET(50mΩ)
⚫ Low Current Consumption
Operation Mode: 3.0μA typ.
⚫ Available in SOT-25 p ackage

APPLICATION
⚫ One Cell Lithium ion Battery Pack
⚫ Lithium Polymer Battery Pack




Similar Part No. - A4059A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4059MP8R AITSEMI-A4059MP8R Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4059MP8VR AITSEMI-A4059MP8VR Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
More results


Similar Description - A4059A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4001 AITSEMI-A4001 Datasheet
860Kb / 10P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV2.0
A4002 AITSEMI-A4002 Datasheet
699Kb / 12P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
A4004 AITSEMI-A4004 Datasheet
868Kb / 11P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.1
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
SHOUDING Shouding Semic...
SD5350A SHOUDING-SD5350A Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5464C HMSEMI-HM5464C Datasheet
2Mb / 13P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5464A HMSEMI-HM5464A Datasheet
2Mb / 13P
   One Cell Lithium-ion/Polymer Battery Protection IC
logo
Unisonic Technologies
UB2421 UTC-UB2421 Datasheet
232Kb / 11P
   ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC
logo
Shenzhen Huazhimei Semi...
HM9901 HMSEMI-HM9901 Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5456R HMSEMI-HM5456R Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com