Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4059 Datasheet (PDF) - AiT Semiconductor Inc.

A4059 Datasheet PDF - AiT Semiconductor Inc.
Part # A4059
Download  A4059 Download

File Size   481.32 Kbytes
Page   12 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION

A4059 Datasheet (PDF)

Go To PDF Page Download Datasheet
A4059 Datasheet PDF - AiT Semiconductor Inc.

Part # A4059
Download  A4059 Click to download

File Size   481.32 Kbytes
Page   12 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION

A4059 Datasheet (HTML) - AiT Semiconductor Inc.

Back Button A4059 Datasheet HTML 1Page - AiT Semiconductor Inc. A4059 Datasheet HTML 2Page - AiT Semiconductor Inc. A4059 Datasheet HTML 3Page - AiT Semiconductor Inc. A4059 Datasheet HTML 4Page - AiT Semiconductor Inc. A4059 Datasheet HTML 5Page - AiT Semiconductor Inc. A4059 Datasheet HTML 6Page - AiT Semiconductor Inc. A4059 Datasheet HTML 7Page - AiT Semiconductor Inc. A4059 Datasheet HTML 8Page - AiT Semiconductor Inc. A4059 Datasheet HTML 9Page - AiT Semiconductor Inc. A4059 Datasheet HTML 10Page - AiT Semiconductor Inc. Next Button 

A4059 Product details

DESCRIPTION
The A4059 is charging management circuit that can be programmed through an external resistor constant current / constant voltage charging. The device includes an internal power transistor, does not need external current sense resistor and blocking diode in applications. A4059 requires minimal external components, and meet the USB bus specification, is very suitable for portable applications in the field.
Thermal modulation circuit can control the internal chip temperature in a safe range when the device power dissipation be relatively large or the ambient temperature be higher. The output voltage can be programmed by an external resistor. Charging current is set by an external resistor. When the input voltage (AC adapter or USB power supply) power is lost, A4059 automatically enters a low power sleep mode, then the battery current consumption is less than 0.1μA. Built-in protection circuits against irrigation, when the battery voltage is higher than the input voltage, automatically turn off built-in power MOSFET. Other features include low input voltage latch, automatic recharge, the battery temperature monitoring, Built - in OVP protection and charge status / charge status indication functions.
The internal use of the patented technology is to realize protecting reverse battery. When the battery is reversed, stop charging, indicator
The A4059 is available in PSOP8 package.

FEATURES
 In the package allows the range of program-mable charge current up to 1.2A above
 No MOSFET, sense resistor or blocking diode required
 Complete linear charger in small package for single cell lithium-ion batteries
 Constant-current/constant-voltage operation with thermal regulation to maximize charge rate without risk of overheating
 Charging voltage can be adjusted by the FB
 Monitor output charge current
 Charging status indicator and full status flag
 3/10 charge current termination
 Automatic recharge
 40μA supply current in shutdown
 0.7 times the programming voltage trickle charge threshold voltage
 Soft-Start limits inrush current
 OVP protection function , the input is higher than 6.8V, stop charging
 Output with protection against anti-irrigation
 When you unplug VIN , the IC does not con-sume battery power
 Available in PSOP8 Package APPLICATION
 Mobile phones
 Digital Cameras
 MP4 Player
 Bluetooth applications
 Electronic Dictionary
 portable devices
 all kinds of charger
 Mobile power




Similar Part No. - A4059

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4059A AITSEMI-A4059A Datasheet
360Kb / 8P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
A4059AE5R AITSEMI-A4059AE5R Datasheet
360Kb / 8P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
A4059AE5VR AITSEMI-A4059AE5VR Datasheet
360Kb / 8P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
More results


Similar Description - A4059

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4056B AITSEMI-A4056B Datasheet
1Mb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4056 AITSEMI-A4056 Datasheet
679Kb / 10P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC08 STMICROELECTRONICS-STBC08 Datasheet
328Kb / 17P
   800mA Standalone linear Li-Ion Battery charger with thermal regulation
STC4054 STMICROELECTRONICS-STC4054 Datasheet
299Kb / 17P
   800mA Standalone linear Li-Ion Battery charger with thermal regulation
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com