Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4056B Datasheet (PDF) - AiT Semiconductor Inc.

A4056B Datasheet PDF - AiT Semiconductor Inc.
Part # A4056B
Download  A4056B Download

File Size   1091.48 Kbytes
Page   12 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION

A4056B Datasheet (PDF)

Go To PDF Page Download Datasheet
A4056B Datasheet PDF - AiT Semiconductor Inc.

Part # A4056B
Download  A4056B Click to download

File Size   1091.48 Kbytes
Page   12 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION

A4056B Datasheet (HTML) - AiT Semiconductor Inc.

Back Button A4056B Datasheet HTML 1Page - AiT Semiconductor Inc. A4056B Datasheet HTML 2Page - AiT Semiconductor Inc. A4056B Datasheet HTML 3Page - AiT Semiconductor Inc. A4056B Datasheet HTML 4Page - AiT Semiconductor Inc. A4056B Datasheet HTML 5Page - AiT Semiconductor Inc. A4056B Datasheet HTML 6Page - AiT Semiconductor Inc. A4056B Datasheet HTML 7Page - AiT Semiconductor Inc. A4056B Datasheet HTML 8Page - AiT Semiconductor Inc. A4056B Datasheet HTML 9Page - AiT Semiconductor Inc. A4056B Datasheet HTML 10Page - AiT Semiconductor Inc. Next Button 

A4056B Product details

DESCRIPTION
The A4056B is a complete constant-current /constant-voltage linear charger for single cell lithium-ion batteries. Its SOT package and low external component count make the A4056B ideally suited for portable applications especially in USB power specifications.
Internal MOSFET architecture makes A4056B no external sense resistor needed, and no blocking diode is required. Thermal feedback regulates the charge current to limit the die temperature during high power operation or high ambient temperature. The charge voltage is fixed at 4.2V, and the charge current can be programmed externally with a single resistor. The A4056B automatically terminates the charge cycle when the charge current drops to 1/10th the programmed value after the final float voltage is reached.
When the input supply (wall adapter or USB supply) is removed, the A4056B automatically enters a low current state, dropping the battery drain current to less than 2μA. The A4056B can be put into shutdown mode, reducing the supply current to 25μA.
When battery reversed, the internal protected the BAT pin throughout about 0.7mA current from GND. Also, The BAT pin has a 7KV ESD (HBM) capability.
Other features include charge current monitor, under-voltage lockout, automatic recharge and a status pin to indicate charge termination and the presence of an input voltage.
The A4056B is available in SOT 2 5 and SOT89 5
packages.

FEATURES
 Programmable Charge Current Up to 500mA
 No MOSFET, Sense Resistor o r Blocking Diode
Required
 Complete Linear Charger in SOT Package for
single Cell Lithium Ion Batteries
 Constant Current/Constant Voltage Operation
with Thermal Regulation to Maximize Charge
Rate Without Risk of Overheating
 Charges Single Cell Li Ion Bat teries Directly
from USB Port
 Preset 4.2V Charge Voltage with ±1% Accuracy
 Charge Current Monitor Output for Gas Gauging
 Automatic Recharge
 Charge Status Output Pin
 C/10 Charge Termination
 25 μ A Supply Current in Shutdown
 2.9V Trickle Charge Threshold
 Soft Start Limits Inrush Current
 Battery reversed protection
 7KV ESD(HBM) capability
 Available in SOT 2 5 and SOT89 5 p ackage s

APPLICATION
 Cellular Telephones, PDAs, MP3 Players
 Charging Docks and Cradles
 Bluetooth Applications




Similar Part No. - A4056B

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4056 AITSEMI-A4056 Datasheet
679Kb / 10P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
A4056E6R AITSEMI-A4056E6R Datasheet
679Kb / 10P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
A4056E6VR AITSEMI-A4056E6VR Datasheet
679Kb / 10P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
More results


Similar Description - A4056B

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4056 AITSEMI-A4056 Datasheet
679Kb / 10P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC08 STMICROELECTRONICS-STBC08 Datasheet
328Kb / 17P
   800mA Standalone linear Li-Ion Battery charger with thermal regulation
STC4054 STMICROELECTRONICS-STC4054 Datasheet
299Kb / 17P
   800mA Standalone linear Li-Ion Battery charger with thermal regulation
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com