Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4056 Datasheet (PDF) - AiT Semiconductor Inc.

A4056 Datasheet PDF - AiT Semiconductor Inc.
Part # A4056
Download  A4056 Download

File Size   679.29 Kbytes
Page   10 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION

A4056 Datasheet (PDF)

Go To PDF Page Download Datasheet
A4056 Datasheet PDF - AiT Semiconductor Inc.

Part # A4056
Download  A4056 Click to download

File Size   679.29 Kbytes
Page   10 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION

A4056 Datasheet (HTML) - AiT Semiconductor Inc.

A4056 Datasheet HTML 1Page - AiT Semiconductor Inc. A4056 Datasheet HTML 2Page - AiT Semiconductor Inc. A4056 Datasheet HTML 3Page - AiT Semiconductor Inc. A4056 Datasheet HTML 4Page - AiT Semiconductor Inc. A4056 Datasheet HTML 5Page - AiT Semiconductor Inc. A4056 Datasheet HTML 6Page - AiT Semiconductor Inc. A4056 Datasheet HTML 7Page - AiT Semiconductor Inc. A4056 Datasheet HTML 8Page - AiT Semiconductor Inc. A4056 Datasheet HTML 9Page - AiT Semiconductor Inc. A4056 Datasheet HTML 10Page - AiT Semiconductor Inc.

A4056 Product details

DESCRIPTION
The A4056 is a complete constant-current /constant -voltage linear charger for single cell lithium-ion batteries. Its Thin SOT package and low external component count make the A4056 ideally suited for portable applications. Furthermore, the A4056 is specifically designed to work within USB power specifications.
No external sense resistor is needed, and no blocking diode is required due to the internal MOSFET architecture. Thermal feedback regulates the charge current to limit the die temperature during high power operation or high ambient temperature. The charge voltage is fixed at 4.2V, and the charge current can be programmed externally with a single resistor. The A4056 automatically terminates the charge cycle when the charge current drops to 1/10th the programmed value after the final float voltage is reached.
When the input supply (wall adapter or USB supply) is removed, the A4056 automatically enters a low current state, dropping the battery drain current to less than 2μA. The A4056 can be put into shutdown mode, reducing the supply current to 25μA.
Other features include charge current monitor, under-voltage lockout, automatic recharge and a status pin to indicate charge termination and the presence of an input voltage.
The A4056 is available in SOT 26 package.

FEATURES
⚫ Programmable charge current up to 500mA
⚫ No MOSFET, sense resistor or blocking diode
required
⚫ Complete linear charger in Thin SOT package
for single cell lithium ion batteries
⚫ Constant current/constant voltage operation with
thermal regulation to maximize charge rate
without risk of over heating
⚫ Charges single cell li ion batteries directly from
USB port
⚫ Preset 4.2V charge voltage with 1% a ccuracy
⚫ Charge current monitor output for gas gauging
⚫ Charge status output pin
⚫ C/10 charge termination
⚫ 25μA supply current in shutdown
⚫ 2.9V trick le charge threshold (A4056)
⚫ Soft start limits inrush current
⚫ Available in SOT 26 p ackage

APPLICATION
⚫ Cellular Telephones, PDAs, MP3 Players
⚫ Bluetooth Applications




Similar Part No. - A4056

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4056B AITSEMI-A4056B Datasheet
1Mb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4056BE5R AITSEMI-A4056BE5R Datasheet
1Mb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4056BE5VR AITSEMI-A4056BE5VR Datasheet
1Mb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4056BK5R AITSEMI-A4056BK5R Datasheet
1Mb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4056BK5VR AITSEMI-A4056BK5VR Datasheet
1Mb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
More results


Similar Description - A4056

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4056B AITSEMI-A4056B Datasheet
1Mb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC08 STMICROELECTRONICS-STBC08 Datasheet
328Kb / 17P
   800mA Standalone linear Li-Ion Battery charger with thermal regulation
STC4054 STMICROELECTRONICS-STC4054 Datasheet
299Kb / 17P
   800mA Standalone linear Li-Ion Battery charger with thermal regulation
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com