Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4006 Datasheet (PDF) - AiT Semiconductor Inc.

A4006 Datasheet PDF - AiT Semiconductor Inc.
Part # A4006
Download  A4006 Download

File Size   426.43 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP

A4006 Datasheet (PDF)

Go To PDF Page Download Datasheet
A4006 Datasheet PDF - AiT Semiconductor Inc.

Part # A4006
Download  A4006 Click to download

File Size   426.43 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP

A4006 Datasheet (HTML) - AiT Semiconductor Inc.

A4006 Datasheet HTML 1Page - AiT Semiconductor Inc. A4006 Datasheet HTML 2Page - AiT Semiconductor Inc. A4006 Datasheet HTML 3Page - AiT Semiconductor Inc. A4006 Datasheet HTML 4Page - AiT Semiconductor Inc. A4006 Datasheet HTML 5Page - AiT Semiconductor Inc. A4006 Datasheet HTML 6Page - AiT Semiconductor Inc.

A4006 Product details

DESCRIPTION
The A4006 is a single lithium battery charge indicator chip, using CMOS process to achieve, small size and ease of installation of portable products.
The A4006 with built-in comparator and feedback loop, to materialize the detection of the four voltage point. By the internal trimming technology, you can ensure that the voltage detection accuracy of ±1 %. The output using OPENDRAIN structure, ease of customer use IO ports or LED indication.
The A4006 is available in SOT-26 package.

FEATURES
 Ultra low current consumption:<10uA
 Built in 4 way comparator, the detection of the
four voltage point
 The internal comparator with reasonable
hysteresis, is easy to charge and discharge
instructions.
 High precision detection voltage 1%
 Available in SOT-26 Package

APPLICATION
 Mobile Power
 LED flashlight
 Portable electronic devices




Similar Part No. - A4006

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A400 LITTELFUSE-A400 Datasheet
129Kb / 2P
   GAS DISCHARGE TUBE - 5x7.6mm
logo
Kingston Technology Far...
A400 KINGSTON-A400 Datasheet
199Kb / 2P
   Incredible speeds plus rock-solid reliability
logo
AiT Semiconductor Inc.
A4001 AITSEMI-A4001 Datasheet
860Kb / 10P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV2.0
A4001E6R AITSEMI-A4001E6R Datasheet
860Kb / 10P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV2.0
A4001E6VR AITSEMI-A4001E6VR Datasheet
860Kb / 10P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV2.0
More results


Similar Description - A4006

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800_07 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
logo
AiT Semiconductor Inc.
A4057 AITSEMI-A4057 Datasheet
274Kb / 7P
   BATTERY MANAGEMENT LINEAR LI-ION BATTERY CHARGER
REV1.2
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Texas Instruments
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com