Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A24C64 Datasheet (PDF) - AiT Semiconductor Inc.

A24C64 Datasheet PDF - AiT Semiconductor Inc.
Part # A24C64
Download  A24C64 Download
File Size   918.12 Kbytes
Page   20 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL

A24C64 Datasheet (PDF)

Go To PDF Page Download Datasheet
A24C64 Datasheet PDF - AiT Semiconductor Inc.

Part # A24C64
Download  A24C64 Click to download

File Size   918.12 Kbytes
Page   20 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL

A24C64 Datasheet (HTML) - AiT Semiconductor Inc.


A24C64 Product details

DESCRIPTION
A24C64
provides 65536 bits of serial electrically
erasable and programmable read only memory
(EEPROM) organized as 8192 word s of 8 bits each.
The
A24C64 is optimized for use in many industrial
and commercial applications where low po wer and
low vo ltage operations are essential.
The
A24C64 offers an additional pag e named the
Identification Page (32 bytes). The Iden tification
Page can be used to store sensitive applic ation
parameters which can be (Iater) permanen tly
locked in Read on ly mode.
The
A24C64 is available in SOP8, TSSOP8, DFN8,
DIP8 and TSOT 25 packages.

L
FEATURES
 Compatible with all I 2 C bidirectional data
transfer protocol
 Memory array:
64
k bits (8 k bytes) of EEPROM
Page size: 32 bytes
Additional Write lockable page
 Single supply v oltage and high speed:
1.7V~5.5V
1 MH
z
 Random and sequential Read modes
 Write:
Byte Write within 3 ms
Page Write within 3 ms
Partial Page Writes Allowed
 Write Protect Pin for Hardware Data Protection
 Schmitt Trigger, Filtered Inputs for Noise
Suppression
 High reliability
Endurance: 1 Million Write Cycles
Data Retention: 100 Years
 Enhanced ESD/Latch up protection
HBM
8k V
 Available in SOP8, TSSOP8, DFN8, DIP8 and
TSOT 25 p ackag e s




Similar Part No. - A24C64

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A24C02 AITSEMI-A24C02 Datasheet
779Kb / 19P
MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
A24C02J8R AITSEMI-A24C02J8R Datasheet
779Kb / 19P
MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
A24C02J8VR AITSEMI-A24C02J8VR Datasheet
779Kb / 19P
MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
A24C02M8R AITSEMI-A24C02M8R Datasheet
779Kb / 19P
MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
A24C02M8U AITSEMI-A24C02M8U Datasheet
779Kb / 19P
MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
More results


Similar Description - A24C64

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A Datasheet
216Kb / 20P
2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_07 Datasheet
687Kb / 22P
Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C64B ATMEL-AT24C64B_07 Datasheet
352Kb / 16P
2-Wire Serial EEPROM 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_08 Datasheet
313Kb / 18P
Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32C ATMEL-AT24C32C_08 Datasheet
812Kb / 28P
2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
logo
E-CMOS Corporation
EC24C64C E-CMOS-EC24C64C Datasheet
590Kb / 17P
64K bits Two-wire Serial EEPROM
logo
AiT Semiconductor Inc.
A24C16 AITSEMI-A24C16 Datasheet
977Kb / 18P
MEMORY EEPROM 16k bits (2048 X 8) TWO-WIRE SERIAL
REV2.1
A24C256 AITSEMI-A24C256 Datasheet
710Kb / 19P
MEMORY EEPROM 256k bits (32768 X 8) TWO-WIRE SERIAL
REV2.2
A24C512 AITSEMI-A24C512 Datasheet
856Kb / 20P
MEMORY EEPROM 512k BITS (65536 X 8) TWO-WIRE SERIAL
REV2.2
A24CM02 AITSEMI-A24CM02 Datasheet
528Kb / 17P
MEMORY EEPROM 2M BITS (262,144 X 8) TWO-WIRE SERIAL
REV1.2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com