Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A24C32 Datasheet (PDF) - AiT Semiconductor Inc.

A24C32 Datasheet PDF - AiT Semiconductor Inc.
Part # A24C32
Download  A24C32 Download
File Size   811.52 Kbytes
Page   21 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MEMORY EEPROM 32K (4096 X 8) 2-WIRE SERIAL INTERFACE

A24C32 Datasheet (PDF)

Go To PDF Page Download Datasheet
A24C32 Datasheet PDF - AiT Semiconductor Inc.

Part # A24C32
Download  A24C32 Click to download

File Size   811.52 Kbytes
Page   21 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MEMORY EEPROM 32K (4096 X 8) 2-WIRE SERIAL INTERFACE

A24C32 Datasheet (HTML) - AiT Semiconductor Inc.


A24C32 Product details

DESCRIPTION
The
A24C32 provides 32768 bits of serial
electrically erasable and progra mmable read only
memory (EEPROM), organized as 4096 bytes.
The device is optimized for use in many industrial
and commercial applications where low power and
l ow voltage operation are essential.
The
A24C32 is available in SOP8, TSSOP8 , DFN8,
DIP8 , SOT 25 and T SOT 25 p ackages.

FEATURES
⚫ Compatible with all I²C bidirectional data
transfer protocol
⚫ Memory array:
32 Kbits (4Kbytes) of EEPROM
Page size: 32 bytes
⚫ E xtend ed T e mperature Range
A
40 to +85
B
40 to +105
C
40 to +125
⚫ Single supply voltage and high speed:
1.7V
5.5V/400kHz
2.5V
5.5V/1MHz
Random and sequential Read modes
⚫ Write:
Byte Write within 3 ms
Page Write wi
thin 3 ms
Partial Page Writes
Allo we d
⚫ Write Protect Pin for Hardware Data Protection
⚫ Schmitt Trigger, Filtered Inputs for Noise
Suppression
⚫ High reliability
Endurance:
1 Million Write Cycles
Data Retention: 100 Years
⚫ Enhanced ESD/Latch up protection
HBM 5000V
⚫ Available in SOP8 , TSS OP 8 , DFN8, DIP8
SOT 25 and TSOT 25 p ackag e s




Similar Part No. - A24C32

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A24C02 AITSEMI-A24C02 Datasheet
779Kb / 19P
MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
A24C02J8R AITSEMI-A24C02J8R Datasheet
779Kb / 19P
MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
A24C02J8VR AITSEMI-A24C02J8VR Datasheet
779Kb / 19P
MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
A24C02M8R AITSEMI-A24C02M8R Datasheet
779Kb / 19P
MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
A24C02M8U AITSEMI-A24C02M8U Datasheet
779Kb / 19P
MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
More results


Similar Description - A24C32

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A Datasheet
216Kb / 20P
2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A_07 Datasheet
687Kb / 22P
Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_08 Datasheet
313Kb / 18P
Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32C ATMEL-AT24C32C_08 Datasheet
812Kb / 28P
2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
logo
Sanyo Semicon Device
LE24C322M SANYO-LE24C322M Datasheet
133Kb / 12P
Two Wire Serial Interface EEPROM (32k EEPROM)
LE24L322CS SANYO-LE24L322CS Datasheet
255Kb / 11P
Two Wire Serial Interface EEPROM (32k EEPROM)
LE24L322M SANYO-LE24L322M Datasheet
141Kb / 13P
Two Wire Serial Interface EEPROM (32k EEPROM)
logo
Renesas Technology Corp
R1EX24032ASAS0G RENESAS-R1EX24032ASAS0G Datasheet
508Kb / 18P
Two-wire serial interface 32k EEPROM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com