Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV887711D1R2G Datasheet (PDF) - ON Semiconductor

NCV887711D1R2G Datasheet PDF - ON Semiconductor
Part # NCV887711D1R2G
Download  NCV887711D1R2G Download
File Size   257.23 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Automotive Grade Start-Stop Non-Synchronous Boost Controller

NCV887711D1R2G Datasheet (PDF)

Go To PDF Page Download Datasheet
NCV887711D1R2G Datasheet PDF - ON Semiconductor

Part # NCV887711D1R2G
Download  NCV887711D1R2G Click to download

File Size   257.23 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Automotive Grade Start-Stop Non-Synchronous Boost Controller

NCV887711D1R2G Datasheet (HTML) - ON Semiconductor


NCV887711D1R2G Product details

The NCV8877 is a Non-Synchronous Boost controller designed to
supply a minimum output voltage during Start-Stop vehicle operation
battery voltage sags. The controller drives an external N-channel
MOSFET. The device uses peak current mode control with internal
slope compensation. The IC incorporates an internal regulator that
supplies charge to the gate driver.
Protection features include, cycle-by-cycle current limiting and
thermal shutdown.
Additional features include low quiescent current sleep mode
operation. The NCV8877 is enabled when the supply voltage drops
below the wake up threshold. Boost Operation is initiated when the
supply voltage drops below the regulation set point.

Features
• Automatic Enable Below Wake Up Threshold Voltage (Factory
Programmable)
• Override Disable Function
• Boost Mode Operation at Regulation Set Point
• 2% Output Accuracy Over Temperature Range
• Peak Current Mode Control with Internal Slope Compensation
• Externally Adjustable Frequency Operation
• Wide Input Voltage Range of 2 V to 40 V, 45 V Load Dump
• Low Quiescent Current in Sleep Mode (<12 A Typical)
• Cycle−by−Cycle Current Limit Protection
• Hiccup−Mode Overcurrent Protection (OCP)
• Thermal Shutdown (TSD)
• This is a Pb−Free Device
• NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100

Typical Applications
• Applications Requiring Regulated Voltage through Cranking and
Start−Stop Operation




Similar Part No. - NCV887711D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887711D1R2G ONSEMI-NCV887711D1R2G Datasheet
131Kb / 17P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
September, 2016 ??Rev. 7
NCV887711D1R2G ONSEMI-NCV887711D1R2G Datasheet
131Kb / 17P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
More results


Similar Description - NCV887711D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8876 ONSEMI-NCV8876 Datasheet
148Kb / 11P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
June, 2013 ??Rev. 1
NCV8877 ONSEMI-NCV8877 Datasheet
128Kb / 15P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 5
NCV8878 ONSEMI-NCV8878 Datasheet
126Kb / 15P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 1
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8876 ONSEMI-NCV8876_16 Datasheet
212Kb / 15P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8877 ONSEMI-NCV8877_16 Datasheet
131Kb / 17P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
September, 2016 ??Rev. 7
NCV8878 ONSEMI-NCV8878_16 Datasheet
208Kb / 15P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 2
NCV8877 ONSEMI-NCV8877_17 Datasheet
131Kb / 17P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com