Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP50A Datasheet (PDF) - Vishay Siliconix

MSP50A Datasheet PDF - Vishay Siliconix
Part No. MSP50A
Download  MSP50A Click to view

File Size   788.93 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount TRANSZORB짰 Transient Voltage Suppressors

MSP50A Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP50A Datasheet PDF - Vishay Siliconix

Part No. MSP50A
Download  MSP50A Click to view

File Size   788.93 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount TRANSZORB짰 Transient Voltage Suppressors

MSP50A Datasheet (HTML) - Vishay Siliconix

MSP50A Datasheet HTML 1Page - Vishay Siliconix MSP50A Datasheet HTML 2Page - Vishay Siliconix MSP50A Datasheet HTML 3Page - Vishay Siliconix MSP50A Datasheet HTML 4Page - Vishay Siliconix MSP50A Datasheet HTML 5Page - Vishay Siliconix

MSP50A Product details

FEATURES
• Very low profile - typical height of 0.65 mm
• Ideal for automated placement
• Oxide planar chip junction
• Unidirectional polarity only
• Peak pulse power: 150 W (10 μs/1000 μs)
• ESD capability: 15 kV (air), 8 kV (contact)
• Meets MSL level 1, per J-STD-020C, LF maximum peak
of 260 °C
• AEC-Q101 qualified
• Not recommended for PCB bottom side wave mounting
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting
on ICs, MOSFET, industrial, and signal lines of sensor units
for protecting sensitive equipment against transient
overvoltages.

MECHANICAL DATA
Case: MicroSMP (DO-219AD)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant, and
industrial grade
Base P/NHM3 - halogen-free, RoHS-compliant, and
automotive grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: color band denotes the cathode end



Similar Part No. - MSP50A

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
MSP50A VISHAY-MSP50A Datasheet
116Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
MSP50A-E3 VISHAY-MSP50A-E3 Datasheet
116Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
MSP50A-E389A VISHAY-MSP50A-E389A Datasheet
116Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
MSP50A-M3 VISHAY-MSP50A-M3 Datasheet
116Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
MSP50A-M389A VISHAY-MSP50A-M389A Datasheet
116Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
More results

Similar Description - MSP50A

ManufacturerPart No.DatasheetDescription
GOOD-ARK Electronics
GOOD-ARK Electronics
P4SMA220CA GOOD-ARK-P4SMA220CA Datasheet
692Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
UN Semiconducctor INC
UN Semiconducctor INC
P4SMA UNSEMI-P4SMA Datasheet
699Kb / 6P
   Surface Mount Transient Voltage Suppressors
SACB UNSEMI-SACB Datasheet
498Kb / 4P
   Surface Mount Transient Voltage Suppressors
SMCJ UNSEMI-SMCJ Datasheet
938Kb / 7P
   Surface Mount Transient Voltage Suppressors
Socay Electornics Co., Ltd.
Socay Electornics Co., ...
15SMC68A SOCAY-15SMC68A Datasheet
583Kb / 6P
   Surface Mount Transient Voltage Suppressors
P6SMB SOCAY-P6SMB Datasheet
580Kb / 6P
   Surface Mount Transient Voltage Suppressors
UNIOHM CORPORATION
UNIOHM CORPORATION
SMBJ UNIOHM-SMBJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ UNIOHM-SMCJ Datasheet
359Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Microsemi Corporation
Microsemi Corporation
UPTB28E3 MICROSEMI-UPTB28E3 Datasheet
225Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Goodwork Semiconductor Co., Ltd .
Goodwork Semiconductor ...
SMCJ GWSEMI-SMCJ Datasheet
377Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
UN Semiconducctor INC
UN Semiconducctor INC
6.0SMAJ UNSEMI-6.0SMAJ Datasheet
892Kb / 4P
   Surface Mount Transient Voltage Suppressors
More results



About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components. Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors. The company was founded in 1962 and is headquartered in Santa Clara, California. Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics. The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes. With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.



Datasheet Page


1   2   3   4   5  


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz