Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14049B Datasheet (PDF) - ON Semiconductor

MC14049B Datasheet PDF - ON Semiconductor
Part # MC14049B_V01
Download  MC14049B Download

File Size   241.27 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Hex Buffer

MC14049B Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14049B Datasheet PDF - ON Semiconductor

Part # MC14049B_V01
Download  MC14049B Click to download

File Size   241.27 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Hex Buffer

MC14049B Datasheet (HTML) - ON Semiconductor

MC14049B_V01 Datasheet HTML 1Page - ON Semiconductor MC14049B_V01 Datasheet HTML 2Page - ON Semiconductor MC14049B_V01 Datasheet HTML 3Page - ON Semiconductor MC14049B_V01 Datasheet HTML 4Page - ON Semiconductor MC14049B_V01 Datasheet HTML 5Page - ON Semiconductor MC14049B_V01 Datasheet HTML 6Page - ON Semiconductor MC14049B_V01 Datasheet HTML 7Page - ON Semiconductor MC14049B_V01 Datasheet HTML 8Page - ON Semiconductor

MC14049B Product details

The MC14049B Hex Inverter/Buffer and MC14050B Noninverting
Hex Buffer are constructed with MOS P−Channel and N−Channel
enhancement mode devices in a single monolithic structure. These
complementary MOS devices find primary use where low power
dissipation and/or high noise immunity is desired. These devices
provide logic level conversion using only one supply voltage, VDD.
The input−signal high level (VIH) can exceed the VDD supply
voltage for logic level conversions. Two TTL/DTL loads can be driven
when the devices are used as a CMOS−to−TTL/DTL converter
(VDD = 5.0 V, VOL ≤ 0.4 V, IOL ≥ 3.2 mA).
Note that pins 13 and 16 are not connected internally on these
devices; consequently connections to these terminals will not affect
circuit operation.

Features
• High Source and Sink Currents
• High−to−Low Level Converter
• Supply Voltage Range = 3.0 V to 18 V
• VIN can exceed VDD
• Meets JEDEC B Specifications
• Improved ESD Protection On All Inputs
• NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - MC14049B_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14049BCP ONSEMI-MC14049BCP Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
MC14049BCPG ONSEMI-MC14049BCPG Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
MC14049BCPG ONSEMI-MC14049BCPG Datasheet
148Kb / 9P
   Hex Buffer
June, 2011 ??Rev. 7
MC14049BD ONSEMI-MC14049BD Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
MC14049BDG ONSEMI-MC14049BDG Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
More results


Similar Description - MC14049B_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50 Datasheet
197Kb / 7P
   Hex Buffer
March, 2006 -- Rev. 4
logo
Unisonic Technologies
U74LVC34A UTC-U74LVC34A Datasheet
193Kb / 5P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
logo
Unisonic Technologies
U74HC07 UTC-U74HC07_15 Datasheet
199Kb / 5P
   HEX BUFFER
U74AHCT34 UTC-U74AHCT34_15 Datasheet
136Kb / 4P
   HEX BUFFER
logo
Toshiba Semiconductor
TC74HCT7007AP TOSHIBA-TC74HCT7007AP_07 Datasheet
215Kb / 6P
   Hex Buffer
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50_11 Datasheet
131Kb / 7P
   Hex Buffer
May, 2011 ??Rev. 5
logo
STMicroelectronics
M74HCT7007RM13TR STMICROELECTRONICS-M74HCT7007RM13TR Datasheet
498Kb / 8P
   HEX BUFFER
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
ON Semiconductor
MC74LVX50 ONSEMI-MC74LVX50_14 Datasheet
160Kb / 9P
   Hex Buffer
August, 2014 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com