Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1G86 Datasheet (PDF) - ON Semiconductor

MC74VHC1G86 Datasheet PDF - ON Semiconductor
Part # MC74VHC1G86_V01
Download  MC74VHC1G86 Download

File Size   179.98 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single 2-Input Exclusive OR Gate

MC74VHC1G86 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC1G86 Datasheet PDF - ON Semiconductor

Part # MC74VHC1G86_V01
Download  MC74VHC1G86 Click to download

File Size   179.98 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single 2-Input Exclusive OR Gate

MC74VHC1G86 Datasheet (HTML) - ON Semiconductor

Back Button MC74VHC1G86_V01 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G86_V01 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G86_V01 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G86_V01 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G86_V01 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G86_V01 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G86_V01 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G86_V01 Datasheet HTML 8Page - ON Semiconductor MC74VHC1G86_V01 Datasheet HTML 9Page - ON Semiconductor MC74VHC1G86_V01 Datasheet HTML 10Page - ON Semiconductor Next Button 

MC74VHC1G86 Product details

The MC74VHC1G86 / MC74VHC1GT86 is a 2−input Exclusive
OR Gate in tiny packages. The MC74VHC1G86 has CMOS level
input thresholds while the MC74VHC1GT86 has TTL level input
thresholds.
The internal circuit is composed of three stages, including a buffered
output which provides high noise immunity and stable output.
The input structures provide protection when voltages up to 5.5 V
are applied, regardless of the supply voltage. This allows the device to
be used to interface 5 V circuits to 3 V circuits. Some output structures
also provide protection when VCC = 0 V and when the output voltage
exceeds VCC. These input and output structures help prevent device
destruction caused by supply voltage − input/output voltage mismatch,
battery backup, hot insertion, etc.

Features
• Designed for 2.0 V to 5.5 V VCC Operation
• 3.5 ns tPD at 5 V (typ)
• Inputs/Outputs Over−Voltage Tolerant up to 5.5 V
• IOFF Supports Partial Power Down Protection
• Source/Sink 8 mA at 3.0 V
• Available in SC−88A, SC−74A, TSOP−5, SOT−553, SOT−953 and
UDFN6 Packages
• Chip Complexity < 100 FETs
• NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - MC74VHC1G86_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G86DFT1 ONSEMI-MC74VHC1G86DFT1 Datasheet
184Kb / 8P
   2-Input Exclusive OR Gate
December, 1999 ??Rev. 2
logo
E-Tech Electronics LTD
MC74VHC1G86DFT1 ETL-MC74VHC1G86DFT1 Datasheet
664Kb / 4P
   2-Input Exclusive OR Gate
logo
ON Semiconductor
MC74VHC1G86DFT1G ONSEMI-MC74VHC1G86DFT1G Datasheet
123Kb / 6P
   Single 2-Input Exclusive OR Gate
September, 2013 ??Rev. 19
MC74VHC1G86DFT1G ONSEMI-MC74VHC1G86DFT1G Datasheet
123Kb / 6P
   Single 2-Input Exclusive OR Gate
September, 2013 ??Rev. 19
MC74VHC1G86DFT1G ONSEMI-MC74VHC1G86DFT1G Datasheet
207Kb / 14P
   Single 2-Input Exclusive OR Gate
November, 2018 ??Rev. 20
More results


Similar Description - MC74VHC1G86_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74AHC1G86 DIODES-74AHC1G86_11 Datasheet
181Kb / 8P
   SINGLE 2 INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74LVCE1G86 DIODES-74LVCE1G86 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com