Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFH250301 Datasheet (PDF) - Littelfuse

LFH250301 Datasheet PDF - Littelfuse
Part # LFH250301_V01
Download  LFH250301 Download

File Size   2028.02 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description LF SERIES CLASS H/K5 AND R FUSE BLOCKS

LFH250301 Datasheet (PDF)

Go To PDF Page Download Datasheet
LFH250301 Datasheet PDF - Littelfuse

Part # LFH250301_V01
Download  LFH250301 Click to download

File Size   2028.02 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description LF SERIES CLASS H/K5 AND R FUSE BLOCKS

LFH250301 Datasheet (HTML) - Littelfuse

LFH250301_V01 Datasheet HTML 1Page - Littelfuse LFH250301_V01 Datasheet HTML 2Page - Littelfuse LFH250301_V01 Datasheet HTML 3Page - Littelfuse LFH250301_V01 Datasheet HTML 4Page - Littelfuse LFH250301_V01 Datasheet HTML 5Page - Littelfuse LFH250301_V01 Datasheet HTML 6Page - Littelfuse

LFH250301 Product details

Description
The Littelfuse Class H/K5 and R blocks offer many benefits
such as indication, snap-to-release DIN rail mounting and
mounting flexibility for easier installation. Class H and Class
R fuse blocks are dimensionally the same, but Class R blocks
incorporate a rejection feature, which only allows Class R
fuses to be inserted.

Features/Benefits
 Accommodates a wide range of existing mounting
configurations
 Indication offered on most 250 V and 600 V versions
 One hand release from DIN rail for ferrule style fuses  Reinforced fuse clips are standard on all Class H and
Class R fuse blocks
 Covers available for 100 A and lower to enhance safety
 Both hex and slot set screw options available on 60
Ampere, 600 Volt Class R box lugs

Specifications
Voltage Rating 250 V, 600 V
Ampere Ratings 0-600 A
Leakage Current <0.6 mA at 600 V
Withstand Rating Class H: 10 kA RMS SYM
Class R: 200 kA RMS SYM
Materials:
Base Thermoplastic
Fuse Clip Tin plated copper alloy
Box Lug Aluminum
Pressure Plate Zinc plated steel
Screw Zinc plated steel
Flammability Rating UL94 V-0
Approvals UL Listed (File: E14721)
CSA Certified (File: LR7316)
Environmental RoHS Compliant, Lead (Pb) Free




Similar Part No. - LFH250301_V01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFH250301 LITTELFUSE-LFH250301 Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
More results


Similar Description - LFH250301_V01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
LFG600151 LITTELFUSE-LFG600151 Datasheet
455Kb / 2P
   LF SERIES CLASS G FUSE BLOCKS
Rev: 4-A-071318
LFT300301 LITTELFUSE-LFT300301 Datasheet
2Mb / 6P
   LF SERIES CLASS T FUSE BLOCKS
Rev: 020122
LFJ600301 LITTELFUSE-LFJ600301_V01 Datasheet
1Mb / 3P
   LF SERIES CLASS J FUSE BLOCKS
Rev: 021422
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60030-1 COOPER-H60030-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
logo
Littelfuse
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
   POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
L60030M3SQ LITTELFUSE-L60030M3SQ Datasheet
641Kb / 3P
   LF SERIES CLASS CC/CD AND MIDGET (10x38 mm) FUSE BLOCKS
Rev: 020421
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com