Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09130076Z Datasheet (PDF) - Littelfuse

09130076Z Datasheet PDF - Littelfuse
Part # 09130076Z
Download  09130076Z Download
File Size   3561.57 Kbytes
Page   24 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description POWR-BLOK??Modules

09130076Z Datasheet (PDF)

Go To PDF Page Download Datasheet
09130076Z Datasheet PDF - Littelfuse

Part # 09130076Z
Download  09130076Z Click to download

File Size   3561.57 Kbytes
Page   24 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description POWR-BLOK??Modules

09130076Z Datasheet (HTML) - Littelfuse


09130076Z Product details

Description
The Littelfuse POWR-BLOKS™ system gives you unlimited
flexibility to design electrical distribution systems. It’s a totally
modular way to build your own junction box. POWR-BLOKS are
perfect for applications where space or vehicle function demand a
tailor made approach. The Littelfuse POWR-BLOKS can be
modified, re-sized, reconfigured or added to at any time.

Specifications
Test POWR-BLOKS™ Standard
Voltage Rating 48VDC
Temperature range -40°C to +125°C
Durability Minimum 50 cycles of engagement/
disengagement
Drop 1.22 meters onto wooden platform
Thermal Shock 5 Cycles from -40°C to +125°C
Mechanical Shock 50g in each of 3 mutually perpendicular axis
Fluid Compatibility Gasoline, diesel fuel, motor oil, antifreeze,
brake fluid, ATF




Similar Part No. - 09130076Z

ManufacturerPart #DatasheetDescription
logo
CABLECRAFT A PART OF SH...
09130000Y BETADUCT-09130000Y Datasheet
730Kb / 4P
Betaduct PVC Open Slot Cable Trunking
More results


Similar Description - 09130076Z

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD410830 POWEREX-CD410830 Datasheet
71Kb / 4P
Dual Diode POW-R-BLOK??Modules 30 Amperes/800 Volts
CM420890 POWEREX-CM420890 Datasheet
93Kb / 4P
SCR/Diode POW-R-BLOK??Modules 90 Amperes/800 Volts
CM4208A2 POWEREX-CM4208A2 Datasheet
93Kb / 4P
SCR/Diode POW-R-BLOK??Modules 25 Amperes/800 Volts
CM4212A2 POWEREX-CM4212A2 Datasheet
78Kb / 4P
SCR/Diode POW-R-BLOK??Modules 25 Amperes/1200-1600 Volts
CM430855 POWEREX-CM430855 Datasheet
96Kb / 4P
Dual SCR POW-R-BLOK??Modules 55 Amperes/800 Volts
CM4308A2 POWEREX-CM4308A2 Datasheet
93Kb / 4P
Dual SCR POW-R-BLOK??Modules 25 Amperes/800 Volts
CM431255 POWEREX-CM431255 Datasheet
93Kb / 4P
Dual SCR POW-R-BLOK??Modules 55 Amperes/1200-1600 Volts
CM520813 POWEREX-CM520813 Datasheet
94Kb / 4P
SCR/Diode POW-R-BLOK??Modules 130 Amperes/800 Volts
CM530820 POWEREX-CM530820 Datasheet
81Kb / 4P
Dual SCR POW-R-BLOK??Modules 200 Amperes/800 Volts
CSD3080H POWEREX-CSD3080H Datasheet
78Kb / 4P
Single SCR POW-R-BLOK??Modules 400 Amperes/800 Volts
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com