Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

277 Datasheet (PDF) - Littelfuse

277 Datasheet PDF - Littelfuse
Part # 277
Download  277 Download

File Size   179.21 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 277 IN-LINE SERIES 32V 20A IN-LINE BLADE FUSE HOLDER

277 Datasheet (PDF)

Go To PDF Page Download Datasheet
277 Datasheet PDF - Littelfuse

Part # 277
Download  277 Click to download

File Size   179.21 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 277 IN-LINE SERIES 32V 20A IN-LINE BLADE FUSE HOLDER

277 Datasheet (HTML) - Littelfuse

277 Datasheet HTML 1Page - Littelfuse

277 Product details

Description
The 277 In-Line Series 32V 20A In-Line Blade Fuse
Holder is available for ATO® blade fuses as well as FKS
fuses and is compatible with fuses rated up to 20A (fuses
sold separately). The easy-to-install in-line fuse holder
handles up to 15A of continuous current. A waterproof
277 In-Line Series fuse holder model featuring red wire
leads is available.

Applications
• Automotive Circuit Protection
• Accessory Circuits

Features and Benefits
• Accepts fuses rated up to 20A (fuses sold separately)
• Handles up to 15A of continuous current
• Available for ATO® blade fuses and FKS fuses
• Waterproof fuse holder model with a tetherable, sealed cover and 2.5 mm2 red PVC FLY HT105° ISO 6722 wire leads is available




Similar Part No. - 277

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
277 ETC1-277 Datasheet
67Kb / 1P
   Precision Isolation Amplifier High CMV/CMR,-5V Floating
logo
Intronics Power, Inc.
277 INTRONICS-277 Datasheet
988Kb / 4P
   Precision Isolation Amplifier High CMV/CMR, 짹15V Floating Power
logo
Skyworks Solutions Inc.
277-1273-ND SKYWORKS-277-1273-ND Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
277-1274-ND SKYWORKS-277-1274-ND Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
logo
PHOENIX CONTACT
277-9852-ND PHOENIX-277-9852-ND Datasheet
81Kb / 5P
   Sensor/Actuator cable - SAC-4P- 2,0-542/M8 FS BK
12.07.2013
More results


Similar Description - 277

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
   ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
SEALEDMINI LITTELFUSE-SEALEDMINI Datasheet
185Kb / 1P
   SEALED MINI짰 SERIES 32V WATERPROOF IN-LINE BLADE FUSE HOLDER
2021
MAXIMAH LITTELFUSE-MAXIMAH Datasheet
277Kb / 1P
   IN-LINE BLADE FUSE HOLDER
2021
04980921GXM5 LITTELFUSE-04980921GXM5_V01 Datasheet
146Kb / 1P
   MIDI 498 IL SERIES 32V IN-LINE FUSE HOLDER
080421-A
0FNY0001ZXJ LITTELFUSE-0FNY0001ZXJ Datasheet
157Kb / 1P
   GLASS FNY SERIES 32V IN-LINE GLASS FUSE HOLDER
2021
logo
Eaton All Rights Reserv...
HHK EATON-HHK Datasheet
135Kb / 1P
   in-line fuse holder
logo
List of Unclassifed Man...
441-R364-GR ETC2-441-R364-GR Datasheet
182Kb / 2P
   In-Line Fuse Holder
441-R332B-GR ETC2-441-R332B-GR Datasheet
208Kb / 2P
   In-Line Fuse Holder
logo
Eaton All Rights Reserv...
HHB EATON-HHB Datasheet
199Kb / 1P
   In-line fuse holder
logo
List of Unclassifed Man...
441-R332A-GR ETC2-441-R332A-GR Datasheet
195Kb / 2P
   In-Line Fuse Holder
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com