Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

057200CCL Datasheet (PDF) - Littelfuse

057200CCL Datasheet PDF - Littelfuse
Part # 057200CCL
Download  057200CCL Download
File Size   286.24 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 571 & 572 SERIES PANEL-MOUNT FUSE HOLDERS

057200CCL Datasheet (PDF)

Go To PDF Page Download Datasheet
057200CCL Datasheet PDF - Littelfuse

Part # 057200CCL
Download  057200CCL Click to download

File Size   286.24 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 571 & 572 SERIES PANEL-MOUNT FUSE HOLDERS

057200CCL Datasheet (HTML) - Littelfuse


057200CCL Product details

Description
Panel mount fuse holders are for Midget-Style
and Class CC fuses. Class CC fuses have a
rejection feature on one end cap, which mates
with the rejection feature of Littelfuse Class CC
fuses holders to prevent the installation of fuses
with lower voltage ratings or interrupting ratings.
Watertight version must be front panel mounted.

Specifications
Voltage Rating 600 V
Ampere Rating 30 A for Class CC and Midget fuses
Dielectric Strength 4000 V Minimum
Terminals Tin-plated brass combination solder & quick-connect
O-Rings 901-184 (body), 901-260 (knob)
Molded Parts Black thermoplastic
Approvals UL Recognized (File: E14721)
UL Recognized for branch circuit protection
(571OCC/RCC)
CSA Certified (File: LR7316)
Flammability Rating UL94 V-0
Base Temp Rating 110 °C

Description
The 572 series panel mount fuse holders are
designed to minimize installation time. Its unique
design incorporates a snap-mount feature that
allows the holder to be installed without any tools
or mounting hardware.

Specifications
Voltage Rating 600 V
Ampere Rating 30 A for Class CC and Midget fuses
Dielectric Strength 4000 V Minimum
Terminals Tin-plated brass combination solder & quick-connect
Molded Parts Black thermoplastic
Approvals UL Recognized (File: E14721)
UL Recognized for branch circuit protection
(5720CC/RCC) Class CC version
CSA Certified (File: LR7316)
Mounting Double "D" punch - Greenlee #61092
(14-18 gauge panel thickness recommended)
Flammability Rating UL94 V-0
Base Temp Rating 110 °C




Similar Part No. - 057200CCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
057200CCL LITTELFUSE-057200CCL Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
057200CCLXP LITTELFUSE-057200CCLXP Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
More results


Similar Description - 057200CCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
05710RCCLXP LITTELFUSE-05710RCCLXP Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
05720RCCLXP LITTELFUSE-05720RCCLXP Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
057200CCL LITTELFUSE-057200CCL Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
057200CCLXP LITTELFUSE-057200CCLXP Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
05710007LXP LITTELFUSE-05710007LXP Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
05710008L LITTELFUSE-05710008L Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
05720007L LITTELFUSE-05720007L Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
05720008LXP LITTELFUSE-05720008LXP Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
05720028L LITTELFUSE-05720028L Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
05720028LXP LITTELFUSE-05720028LXP Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com