Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAL115UA-K Datasheet (PDF) - Micronas

HAL115UA-K Datasheet PDF - Micronas
Part # HAL115UA-K
Download  HAL115UA-K Download

File Size   147.8 Kbytes
Page   17 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Hall Effect Sensor Family

HAL115UA-K Datasheet (PDF)

Go To PDF Page Download Datasheet
HAL115UA-K Datasheet PDF - Micronas

Part # HAL115UA-K
Download  HAL115UA-K Click to download

File Size   147.8 Kbytes
Page   17 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Hall Effect Sensor Family

HAL115UA-K Datasheet (HTML) - Micronas

Back Button HAL115UA-K Datasheet HTML 1Page - Micronas HAL115UA-K Datasheet HTML 2Page - Micronas HAL115UA-K Datasheet HTML 3Page - Micronas HAL115UA-K Datasheet HTML 4Page - Micronas HAL115UA-K Datasheet HTML 5Page - Micronas HAL115UA-K Datasheet HTML 6Page - Micronas HAL115UA-K Datasheet HTML 7Page - Micronas HAL115UA-K Datasheet HTML 8Page - Micronas HAL115UA-K Datasheet HTML 9Page - Micronas HAL115UA-K Datasheet HTML 10Page - Micronas Next Button 

HAL115UA-K Product details

The HAL11x family consists of different Hall switches produced in CMOS technology.

All sensors include a temperature-compensated Hall plate, a comparator, and an open-drain output transistor. The comparator compares the actual magnetic flux through the Hall plate (Hall voltage) with the fixed reference values (switching points). Accordingly, the output transistor is switched on or off. The sensors of this family differ in the switching behavior. The sensors are designed for industrial and automotive applications and operate with supply voltages from 4.5 V to 24 V in the ambient temperature range from –40 °C up to 125 °C.

All sensors are available in an SMD-package (SOT-89B) and in a leaded version (TO-92UA).



Features

– operates from 4.5 V to 24 V supply voltage

– overvoltage protection

– reverse-voltage protection at VDD-pin

– short-circuit protected open-drain output by thermal shut down

– operates with static magnetic fields and dynamic magnetic fields up to 20 kHz

– stable switching points over a wide supply voltage range

– the decrease of magnetic flux density caused by rising temperature in the sensor system is compensated by a built-in negative temperature coefficient of the magnetic characteristics



Similar Part No. - HAL115UA-K

ManufacturerPart #DatasheetDescription
Micronas
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
More results

Similar Description - HAL115UA-K

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
Micronas
Micronas
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
Micronas
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
HAL1XY MICRONAS-HAL1XY_1 Datasheet
197Kb / 2P
   Low-Cost Hall-Effect Sensor Family
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com