Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLN Datasheet (PDF) - Littelfuse

NLN Datasheet PDF - Littelfuse
Part # NLN_V01
Download  NLN Download
File Size   206.61 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description CLASS K5 ??NLN/NLS SERIES (ONE-TIME) FUSES

NLN Datasheet (PDF)

Go To PDF Page Download Datasheet
NLN Datasheet PDF - Littelfuse

Part # NLN_V01
Download  NLN Click to download

File Size   206.61 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description CLASS K5 ??NLN/NLS SERIES (ONE-TIME) FUSES

NLN Datasheet (HTML) - Littelfuse


NLN Product details

Description
NLN/NLS fuses provide low cost protection for general
purpose feeder and branch circuits when available short
circuit currents are less than 50 kA.

Applications
• General purpose residential and commercial circuits with
little or no motor load.

Features/Benefits
• Economical
• 50 kA interrupting rating
• Indicating and DIN mount holders available

Specifications
Voltage Ratings Ac: 250 V (NLN)
600 V (NLS)
Dc: 250 V (NLN)
400 V (NLS 35 – 60 A)
500 V (NLS 8 – 30 A) (NLS 225 – 600 A)
600 V (NLS 1 – 7 A) (NLS 70 – 200 A)
Interrupting Ratings Ac: 50 kA rms symmetrical (NLN/NLS)
Dc: 20 kA (NLN/NLS 1 – 60 A)
50 kA (NLN/NLS 70 – 600 A)
Ampere Range 1 – 600 A (NLN/NLS)
Approvals NLN/NLS: Standard 248-9, Class K5
UL Listed (File: E81895)
CSA Certified (File: LR29862)




Similar Part No. - NLN_V01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NLN015 LITTELFUSE-NLN015 Datasheet
314Kb / 1P
Class K5 ??NLN/NLS Series (one-time) fuses
NLN LITTELFUSE-NLN_12 Datasheet
314Kb / 1P
Class K5 ??NLN/NLS Series (one-time) fuses
More results


Similar Description - NLN_V01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NLN LITTELFUSE-NLN Datasheet
465Kb / 2P
NLN/NLS Class K5 Fuses
logo
Cooper Bussmann, Inc.
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
Time-Delay Fuses
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 600 Volt
KLU-601 COOPER-KLU-601 Datasheet
643Kb / 4P
Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
logo
List of Unclassifed Man...
ALS-100 ETC1-ALS-100 Datasheet
244Kb / 2P
Stud-mounted fuses one-time
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
time-delay fuses
KRP-C-2001SP ETC1-KRP-C-2001SP Datasheet
741Kb / 4P
time-delay fuses
logo
Littelfuse
NLN LITTELFUSE-NLN_12 Datasheet
314Kb / 1P
Class K5 ??NLN/NLS Series (one-time) fuses
logo
Eaton All Rights Reserv...
NOS EATON-NOS Datasheet
989Kb / 4P
250 V NON/600 V NOS Class K5 and H fuses
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com