Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4435B Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

4435B Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part No. 4435B
Download  4435B Click to view

File Size   3427.16 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description P-Channel Enhancement Mode Power MOSFET

4435B Datasheet (PDF)

Go To PDF Page Download Datasheet
4435B Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part No. 4435B
Download  4435B Click to view

File Size   3427.16 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description P-Channel Enhancement Mode Power MOSFET

4435B Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co

4435B Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4435B Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4435B Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4435B Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4435B Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 4435B Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co

4435B Product details

Description
The 4435B uses advanced trench technology to provide
excellent RDS , low gate charge and operation with gate
voltages as low as 4.5V.

General Features
● VDS = -30V
RDS < 33mΩ @ VGS=-4.5V ID = -5.0A
RDS < 25mΩ @ VGS=-10V ID = -8.0A
● High power and current handing capability
● Lead free product is acquired
● Surface mount package

Application
● Battery Switch
● Load switch
● Power management



Similar Part No. - 4435B

ManufacturerPart No.DatasheetDescription
Aeroflex Circuit Technology
Aeroflex Circuit Techno...
4435 AEROFLEX-4435 Datasheet
76Kb / 6P
   ARX4435 Transceiver for Macair H009 Specification
4435 AEROFLEX-4435 Datasheet
153Kb / 6P
   ARX4435N Transceiver for Macair H009 Specification
GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
GUANGDONG HOTTECH INDUS...
4435 HOTTECH-4435 Datasheet
606Kb / 5P
   P-Channel MOSFET
VBsemi Electronics Co.,Ltd
VBsemi Electronics Co.,...
4435 VBSEMI-4435 Datasheet
1,009Kb / 9P
   P-Channel 30-V (D-S) MOSFET
Schurter Inc.
Schurter Inc.
4435.0002 SCHURTER-4435.0002 Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
More results

Similar Description - 4435B

ManufacturerPart No.DatasheetDescription
Weitron Technology
Weitron Technology
WTC6401 WEITRON-WTC6401 Datasheet
2Mb / 6P
   P-Channel Enhancement Mode Power MOSFET
Advanced Power Electronics Corp.
Advanced Power Electron...
AP2603GY A-POWER-AP2603GY Datasheet
76Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2301GN A-POWER-AP2301GN Datasheet
72Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP20P02GH A-POWER-AP20P02GH Datasheet
82Kb / 6P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP20P02P A-POWER-AP20P02P Datasheet
82Kb / 6P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2309GN A-POWER-AP2309GN Datasheet
69Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2623Y A-POWER-AP2623Y Datasheet
72Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4409GM A-POWER-AP4409GM Datasheet
69Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9563GK A-POWER-AP9563GK Datasheet
73Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9575GI A-POWER-AP9575GI Datasheet
60Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP18P10GS A-POWER-AP18P10GS Datasheet
134Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Datasheet Page

1  2  3  4  5  6 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz