Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT75K72100 Datasheet (PDF) - Integrated Device Technology

IDT75K72100 Datasheet PDF - Integrated Device Technology
Part # IDT75K72100
Download  IDT75K72100 Download

File Size   62.99 Kbytes
Page   3 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Network Search Engine 256K x 72 Entries

IDT75K72100 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT75K72100 Datasheet PDF - Integrated Device Technology

Part # IDT75K72100
Download  IDT75K72100 Click to download

File Size   62.99 Kbytes
Page   3 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Network Search Engine 256K x 72 Entries

IDT75K72100 Datasheet (HTML) - Integrated Device Technology


IDT75K72100 Product details

Device Description
IDT provides proven, industry-leading network search engines (NSEs) and a comprehensive suite of software that enable and accelerate the intelligent processing of network services in communications equipment. As a part of the complete IDT classification subsystem that includes content inspection engines, the IDT family of NSEs delivers high-performance, feature-rich, easy-to-use, integrated search accelerators.

Features
■ Full Ternary 256K x 72 bit content addressable memory
■ 250M sustained lookups per second at 72 and 144 width lookups
■ Simultaneous Multi Database Lookup (SMDL)
■ Compatible to lower density ternary NSEs
■ Advanced Power Management
■ Dynamic multi database support
■ Increased Global Mask Registers implementation
■ Segments individually configurable
■ 36/72/144/288/576 multiple width lookups
■ Enhanced Multi-match features
■ Learn new entries with NFA Register per database
■ Dual bus interface
■ Cascadable to 8 devices with no glue logic or latency penalty
■ Glueless interface to standard ZBT™ or Synchronous Pipelined Burst SRAMs
■ Boundary Scan JTAG Interface (IEEE 1149.1compliant)
■ 1.2V core power supply
■ 2.5V LVTTL I/O supply




Similar Part No. - IDT75K72100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT75K72234 IDT-IDT75K72234 Datasheet
422Kb / 1P
   18M Network Search Engine (NSE) with Dual LA-1 Interface (QDR?줚I Interface Compliant)
More results


Similar Description - IDT75K72100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P42100_0509 IDT-75P42100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K62100 IDT-IDT75K62100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 128K x 72 Entries
logo
STMicroelectronics
M7040N STMICROELECTRONICS-M7040N Datasheet
1Mb / 159P
   64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com