Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VT10200C-M3 Datasheet (PDF) - Vishay Siliconix

VT10200C-M3 Datasheet PDF - Vishay Siliconix
Part No. VT10200C-M3_V01
Download  VT10200C-M3 Click to view

File Size   157.51 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Trench MOS Barrier Schottky Rectifier

VT10200C-M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VT10200C-M3 Datasheet PDF - Vishay Siliconix

Part No. VT10200C-M3_V01
Download  VT10200C-M3 Click to view

File Size   157.51 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Trench MOS Barrier Schottky Rectifier

VT10200C-M3 Datasheet (HTML) - Vishay Siliconix

VT10200C-M3_V01 Datasheet HTML 1Page - Vishay Siliconix VT10200C-M3_V01 Datasheet HTML 2Page - Vishay Siliconix VT10200C-M3_V01 Datasheet HTML 3Page - Vishay Siliconix VT10200C-M3_V01 Datasheet HTML 4Page - Vishay Siliconix

VT10200C-M3 Product details

FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency converters, switching power
supplies, freewheeling diodes, OR-ing diode, DC/DC
converters, and reverse battery protection.

MECHANICAL DATA
Case: TO-220AB
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant, and
commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum



Similar Part No. - VT10200C-M3_V01

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
VT10200C-M3 VISHAY-VT10200C-M3_15 Datasheet
119Kb / 4P
   Trench MOS Barrier Schottky Rectifier
More results

Similar Description - VT10200C-M3_V01

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
VFT2080S VISHAY-VFT2080S Datasheet
78Kb / 4P
   Trench MOS Barrier Schottky Rectifier
VT1080S VISHAY-VT1080S_12 Datasheet
148Kb / 5P
   Trench MOS Barrier Schottky Rectifier
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
   Trench MOS Barrier Schottky Rectifier
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
88Kb / 6P
   Trench MOS Barrier Schottky Rectifier
VT2080S-E3 VISHAY-VT2080S-E3 Datasheet
155Kb / 6P
   Trench MOS Barrier Schottky Rectifier
VBT1045CBP VISHAY-VBT1045CBP_15 Datasheet
91Kb / 5P
   Trench MOS Barrier Schottky Rectifier
VFT1045CBP VISHAY-VFT1045CBP_15 Datasheet
86Kb / 5P
   Trench MOS Barrier Schottky Rectifier
VT10200C-E3 VISHAY-VT10200C-E3 Datasheet
161Kb / 6P
   Trench MOS Barrier Schottky Rectifier
VT5200 VISHAY-VT5200_15 Datasheet
148Kb / 5P
   Trench MOS Barrier Schottky Rectifier
VBT145CB-M3 VISHAY-VBT145CB-M3 Datasheet
92Kb / 5P
   Trench MOS Barrier Schottky Rectifier
V8P12 VISHAY-V8P12_15 Datasheet
88Kb / 5P
   Trench MOS Barrier Schottky Rectifier
More results

Datasheet Page

1  2  3  4 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz