Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F3L150R07W2H3_B11 Datasheet (PDF) - Infineon Technologies AG

F3L150R07W2H3_B11 Datasheet PDF - Infineon Technologies AG
Part # F3L150R07W2H3_B11
Download  F3L150R07W2H3_B11 Download
File Size   821.79 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EasyPACK??module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC

F3L150R07W2H3_B11 Datasheet (PDF)

Go To PDF Page Download Datasheet
F3L150R07W2H3_B11 Datasheet PDF - Infineon Technologies AG

Part # F3L150R07W2H3_B11
Download  F3L150R07W2H3_B11 Click to download

File Size   821.79 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EasyPACK??module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC

F3L150R07W2H3_B11 Datasheet (HTML) - Infineon Technologies AG


F3L150R07W2H3_B11 Product details

Features
• Electrical features
- VCES = 650 V
- IC nom = 150 A / ICRM = 300 A
- Increased blocking voltage capability up to 650 V
- Low inductive design
- Low switching losses
- Low VCE,sat
• Mechanical features
- Al2O3 substrate with low thermal resistance
- Compact design
- PressFIT contact technology
- Rugged mounting due to integrated mounting clamps
Potential applications
• Three-level applications
• Motor drives
• Solar applications
• UPS systems
Product validation
• Qualified for industrial applications according to the relevant tests of IEC 60747, 60749 and 60068




Similar Part No. - F3L150R07W2H3_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F3L150R07W2E3_B11 INFINEON-F3L150R07W2E3_B11 Datasheet
666Kb / 10P
EasyPACK module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-04-10 revision:2.0
F3L150R07W2E3_B11 INFINEON-F3L150R07W2E3_B11 Datasheet
836Kb / 11P
EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
2013-11-05 revision:2.1
F3L150R07W2E3_B11 INFINEON-F3L150R07W2E3_B11_13 Datasheet
836Kb / 11P
EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
2013-11-05 revision:2.1
More results


Similar Description - F3L150R07W2H3_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS50R12W2T4_B11 INFINEON-FS50R12W2T4_B11 Datasheet
637Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2009-11-12 rev 2.1
FS75R12W2T4 INFINEON-FS75R12W2T4 Datasheet
494Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2009-10-30 rev 2.3
FS30R06W1E3_B11 INFINEON-FS30R06W1E3_B11 Datasheet
571Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FS35R12W1T4_B11 INFINEON-FS35R12W1T4_B11 Datasheet
571Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2010-08-09 revision:2.0
FS50R06W1E3_B11 INFINEON-FS50R06W1E3_B11 Datasheet
568Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-08-09 revision:2.0
DF200R07W2H3_B77 INFINEON-DF200R07W2H3_B77 Datasheet
743Kb / 20P
EasyPACK??2B module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC
Revision 1.00 2021-11-15
DF300R07W2H3_B77 INFINEON-DF300R07W2H3_B77 Datasheet
745Kb / 20P
EasyPACK??2B module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC
Revision 1.00 2021-11-15
F3L100R07W2H3_B11 INFINEON-F3L100R07W2H3_B11 Datasheet
790Kb / 22P
EasyPACK??module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC
Revision 1.00 2021-12-09
DF200R12W1H3F_B11 INFINEON-DF200R12W1H3F_B11 Datasheet
857Kb / 11P
EasyPACK module with fast Trench/Fieldstop High-Speed 3 IGBT and SiC diode and PressFIT / NTC
V 3.1 2017-03-31
FS75R07W2E3_B11A INFINEON-FS75R07W2E3_B11A Datasheet
529Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
revision:3.0 2012-01-27
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com