Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF300R07W2H3_B77 Datasheet (PDF) - Infineon Technologies AG

DF300R07W2H3_B77 Datasheet PDF - Infineon Technologies AG
Part # DF300R07W2H3_B77
Download  DF300R07W2H3_B77 Download

File Size   745.71 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EasyPACK??2B module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC

DF300R07W2H3_B77 Datasheet (PDF)

Go To PDF Page Download Datasheet
DF300R07W2H3_B77 Datasheet PDF - Infineon Technologies AG

Part # DF300R07W2H3_B77
Download  DF300R07W2H3_B77 Click to download

File Size   745.71 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EasyPACK??2B module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC

DF300R07W2H3_B77 Datasheet (HTML) - Infineon Technologies AG


DF300R07W2H3_B77 Product details

Features
• Electrical features
- VCES = 650 V
- IC nom = 150 A / ICRM = 300 A
- Increased blocking voltage capability up to 650 V
- Low inductive design
- Low switching losses
- Low VCE,sat
• Mechanical features
- Al2O3 substrate with low thermal resistance
- Compact design
- PressFIT contact technology
- Rugged mounting due to integrated mounting clamps
Potential applications
• Three-level applications
• Motor drives
• Solar applications
Product validation
• Qualified for industrial applications according to the relevant tests of IEC 60747, 60749 and 60068




Similar Part No. - DF300R07W2H3_B77

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF300R07PE4_B6 INFINEON-DF300R07PE4_B6 Datasheet
847Kb / 10P
   EconoPACK4 Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode und NTC
2013-11-11 revision:2.1
More results


Similar Description - DF300R07W2H3_B77

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF200R07W2H3_B77 INFINEON-DF200R07W2H3_B77 Datasheet
743Kb / 20P
   EasyPACK??2B module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC
Revision 1.00 2021-11-15
F3L100R07W2H3_B11 INFINEON-F3L100R07W2H3_B11 Datasheet
790Kb / 22P
   EasyPACK??module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC
Revision 1.00 2021-12-09
F3L150R07W2H3_B11 INFINEON-F3L150R07W2H3_B11 Datasheet
821Kb / 22P
   EasyPACK??module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC
Revision 1.00 2021-12-13
FS75R12W2T4_B11 INFINEON-FS75R12W2T4_B11 Datasheet
432Kb / 8P
   EasyPACK 2B module PressFIT with trench/fieldstop IGBT4 and Emitter Controlled4 Diode
2009-04-16 revision:2.0
DF200R12W1H3F_B11 INFINEON-DF200R12W1H3F_B11 Datasheet
857Kb / 11P
   EasyPACK module with fast Trench/Fieldstop High-Speed 3 IGBT and SiC diode and PressFIT / NTC
V 3.1 2017-03-31
FS35R12W1T4_B11 INFINEON-FS35R12W1T4_B11 Datasheet
571Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2010-08-09 revision:2.0
FS50R12W2T4_B11 INFINEON-FS50R12W2T4_B11 Datasheet
637Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2009-11-12 rev 2.1
FS75R07W2E3_B11A INFINEON-FS75R07W2E3_B11A Datasheet
529Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
revision:3.0 2012-01-27
FS30R06W1E3_B11 INFINEON-FS30R06W1E3_B11 Datasheet
571Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FS50R06W1E3_B11 INFINEON-FS50R06W1E3_B11 Datasheet
568Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-08-09 revision:2.0
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com