Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

861101485020 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

861101485020 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 861101485020
Download  861101485020 Download

File Size   1060.04 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-AIL8 Aluminum Electrolytic Capacitors

861101485020 Datasheet (PDF)

Go To PDF Page Download Datasheet
861101485020 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 861101485020
Download  861101485020 Click to download

File Size   1060.04 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-AIL8 Aluminum Electrolytic Capacitors

861101485020 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.

861101485020 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 861101485020 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 861101485020 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 861101485020 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 861101485020 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 861101485020 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 861101485020 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 861101485020 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.

861101485020 Product details

E General information:
Aluminium Electrolytic Capacitors
Storage Conditions:35°C, <45% RH
Operating Temperature:-25 °C bis +85 °C
Load Life:2000 h @ +85°C / 450 V (DC)
Test conditions of Electrical Properties:20°C, 33% RH; if not specified differently
FIT according to separate documentation




Similar Part No. - 861101485020

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861101485021 WURTH-861101485021 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
More results


Similar Description - 861101485020

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861101483003 WURTH-861101483003 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861101487033 WURTH-861101487033 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861101486026 WURTH-861101486026 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861101486027 WURTH-861101486027 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861101483007 WURTH-861101483007 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861101487030 WURTH-861101487030 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861101487034 WURTH-861101487034 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861101484016 WURTH-861101484016 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861101483008 WURTH-861101483008 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861101483001 WURTH-861101483001 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861101484015 WURTH-861101484015 Datasheet
1Mb / 8P
   WCAP-AIL8 Aluminum Electrolytic Capacitors
1.1 2015-04-30
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com