Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPA-716-915 Datasheet (PDF) - Maxtena Inc.

MPA-716-915 Datasheet PDF - Maxtena Inc.
Part # MPA-716-915
Download  MPA-716-915 Download

File Size   1324.76 Kbytes
Page   3 Pages
Manufacturer  MAXTENA [Maxtena Inc.]
Direct Link  https://maxtena.com/
Logo MAXTENA - Maxtena Inc.
Description 915 MHz ISM passive Patch

MPA-716-915 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPA-716-915 Datasheet PDF - Maxtena Inc.

Part # MPA-716-915
Download  MPA-716-915 Click to download

File Size   1324.76 Kbytes
Page   3 Pages
Manufacturer  MAXTENA [Maxtena Inc.]
Direct Link  https://maxtena.com/
Logo MAXTENA - Maxtena Inc.
Description 915 MHz ISM passive Patch

MPA-716-915 Datasheet (HTML) - Maxtena Inc.

MPA-716-915 Datasheet HTML 1Page - Maxtena Inc. MPA-716-915 Datasheet HTML 2Page - Maxtena Inc. MPA-716-915 Datasheet HTML 3Page - Maxtena Inc.

MPA-716-915 Product details

Description
The MPA-716-915 passive antenna is an optimized high performance LoRa and
Sigfox patch antenna. This antenna is perfect for projects with a smaller scope and
budget. This antenna is designed for embedded applications such as automotive
ISM applications, and Short range 915 MHz mesh networks. This ceramic patch
has an excellent directional hemispherical radiation pattern antenna. The
MPA-716-915 antenna has an interface connector (through pin solution),with
RG178 and MMCX male right angle connector.

Features
• 915 MHz ISM Band
• High antenna performance
• Low profile
• Adhesive mounting
• Pin connector
• Advanced Ceramic Material

Applications
• Remote mesh networks
• Smart metering
• IOT
• Public Safety
• Smart sensors
• Supply chain & logistics




Similar Part No. - MPA-716-915

ManufacturerPart #DatasheetDescription
logo
Maxtena Inc.
MPA-716-868 MAXTENA-MPA-716-868 Datasheet
1Mb / 3P
   868MHz ISM passive Patch
REV A
More results


Similar Description - MPA-716-915

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
ISA05A033822 TAOGLAS-ISA05A033822 Datasheet
1Mb / 15P
   915 MHz ISM Band Adhesive Mounted Patch Antenna
logo
Maxtena Inc.
MPA-716-868 MAXTENA-MPA-716-868 Datasheet
1Mb / 3P
   868MHz ISM passive Patch
REV A
MEA-915-01-SMA MAXTENA-MEA-915-01-SMA Datasheet
919Kb / 3P
   915 MHz ISM Connector Mount
REV A
MEA-915-ISM MAXTENA-MEA-915-ISM Datasheet
1Mb / 3P
   915 MHz ISM Screw Mount
REV A
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
Maxtena Inc.
MEA-915-SW-SMA MAXTENA-MEA-915-SW-SMA Datasheet
1Mb / 3P
   915 MHz ISM Screw Mount
REV A
logo
TE Connectivity Ltd
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
Taoglas antenna solutio...
IS05B301111 TAOGLAS-IS05B301111 Datasheet
1Mb / 18P
   915 MHz Hercules ISM Band Antenna
logo
Unictron Technologies C...
H2U64U1H2C0200 UNICTRON-H2U64U1H2C0200 Datasheet
723Kb / 16P
   ISM 915 MHz Ceramic Chip Antenna
logo
AVX Corporation
M620720 AVX-M620720 Datasheet
503Kb / 7P
   ISM 868 & 915 MHz Embedded Ceramic Antenna
11/15/2018
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com