Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZRS3082 Datasheet (PDF) - AMAZING Microelectronic Corp.

AZRS3082 Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZRS3082
Download  AZRS3082 Download

File Size   900.4 Kbytes
Page   11 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Fail-Safe, Slew-Rate-Limited RS-485 Transceiver with 짹30kV ESD Transient Voltage Suppressor

AZRS3082 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZRS3082 Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZRS3082
Download  AZRS3082 Click to download

File Size   900.4 Kbytes
Page   11 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Fail-Safe, Slew-Rate-Limited RS-485 Transceiver with 짹30kV ESD Transient Voltage Suppressor

AZRS3082 Datasheet (HTML) - AMAZING Microelectronic Corp.

Back Button AZRS3082 Datasheet HTML 1Page - AMAZING Microelectronic Corp. AZRS3082 Datasheet HTML 2Page - AMAZING Microelectronic Corp. AZRS3082 Datasheet HTML 3Page - AMAZING Microelectronic Corp. AZRS3082 Datasheet HTML 4Page - AMAZING Microelectronic Corp. AZRS3082 Datasheet HTML 5Page - AMAZING Microelectronic Corp. AZRS3082 Datasheet HTML 6Page - AMAZING Microelectronic Corp. AZRS3082 Datasheet HTML 7Page - AMAZING Microelectronic Corp. AZRS3082 Datasheet HTML 8Page - AMAZING Microelectronic Corp. AZRS3082 Datasheet HTML 9Page - AMAZING Microelectronic Corp. AZRS3082 Datasheet HTML 10Page - AMAZING Microelectronic Corp. Next Button 

AZRS3082 Product details

Features
 Meet the Requirements of the EIA/TIA-485
Standards with 5V Power Supply
 Integrated Transient Voltage Suppressor (TVS)
 TVS Protection for Bus Terminals :
±30kV, IEC 61000-4-2, Contact/Air Discharge
±88A, IEC 61000-4-4, EFT (5/50ns)
±30A, IEC 61000-4-5, Surge (8/20μs)
 HBM ±15kV ESD Protection for all pins
 MM ±800V ESD Protection for all pins
 Latchup immunity up to ±400mA.
 High CDM protection up to ±2kV.
 True Fail-Safe Receiver While Maintaining
EIA/TIA-485 Compatibility
 Hot-Swap Glitch Protection on Control Inputs
 Controlled Transmitter Slew-Rate
 1nA Low Shutdown Current
 Up to 256 Transceivers on the Bus
Applications
 Energy Meter Networks
 Motor Control
 Industrial Control
 Telecommunications Equipment
 Security System
 Building Automation Networks
Description
The AZRS3082 is a ±30 kV IEC 61000-4-2
Contact/Air Discharge protected, half-duplex
transceiver which designed for RS-485 data bus
network with one transmitter and one receiver.
The AZRS3082 is fully compliant with the
EIA/TIA-485 standard under 5V supply. The
AZRS3082 features a fail-safe receiver, which
guarantees the output of receiver to logic high
when the receiver inputs are open, short or idle.
The AZRS3082 has a slew-rate-limited
transmitter to minimize EMI and reflection
caused by improperly cable terminated. The
transmission speed of AZRS3082 is up to
115kbps with error-free operation. For the glitch
free protection, hot-swap circuit of the AZRS3082
guarantees the outputs of both the transmitter
and the receiver in a high impedance state during
the power up period. Moreover, the transmitter of
the AZRS3082 has the thermal shutdown and the
current limited function to protect itself from
damage of the system fault conditions during
normal operation.




Similar Part No. - AZRS3082

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZRS3080E AMAZING-AZRS3080E Datasheet
453Kb / 9P
   ESD-Protected, High Speed, True Fail-Safe VOD2 Enhanced, RS485 Transceiver IC
Revision 2016/09/05
AZRS3080E.RDG AMAZING-AZRS3080E.RDG Datasheet
453Kb / 9P
   ESD-Protected, High Speed, True Fail-Safe VOD2 Enhanced, RS485 Transceiver IC
Revision 2016/09/05
More results


Similar Description - AZRS3082

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZRS6534 AMAZING-AZRS6534 Datasheet
727Kb / 9P
   Fail-Safe, High Speed RS-485 Transceiver with 짹30kV Transient Voltage Suppressor
Revision 2019/05/31
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E Datasheet
235Kb / 11P
   짹12kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
logo
Union Semiconductor, In...
UM488 UNIONSEMI-UM488 Datasheet
324Kb / 17P
   짹15kV ESD-Protected, Fail-Safe, Slew-Rate-Limited RS-422
logo
Maxim Integrated Produc...
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com