Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2606031121000 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

2606031121000 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 2606031121000
Download  2606031121000 Download

File Size   451.45 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WIRL-PRO2 Radio module 2.4 GHz with RF pad

2606031121000 Datasheet (PDF)

Go To PDF Page Download Datasheet
2606031121000 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 2606031121000
Download  2606031121000 Click to download

File Size   451.45 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WIRL-PRO2 Radio module 2.4 GHz with RF pad

2606031121000 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


2606031121000 Product details

General:
• This electronic component is designed and developed with the intention for use in general electronic equipment.
• Würth Elektronik must be asked for written approval (following the PPAP procedure) before incorporating the components into any
equipment in fields such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control,
ship control), transportation signal, disaster prevention, medical, public information network, etc. where higher safety and reliability are
especially required and/or if there is the possibility of direct damage or human injury.
• Electronic components that will be used in safety-critical or high-reliability applications, should be pre-evaluated by the customer.
• The component was designed and manufactured to be used within the datasheet specified values. If the usage and operation conditions
specified in the datasheet are not met, the component may be damaged or dissolved.
• Do not drop or impact the components, as the body, pins or termination may flake apart.
• Würth Elektronik products are qualified according to international standards, which are listed in each product reliability report. Würth
Elektronik does not guarantee any customer qualified product characteristics beyond Würth Elektroniks’ specifications, for its validity and
sustainability over time.
• The customer is responsible for the functionality of their own products. All technical specifications for standard products also apply to
customer specific products.




Similar Part No. - 2606031121000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
2606031021000 WURTH-2606031021000 Datasheet
423Kb / 6P
   WIRL-PRO2 Radio module 2.4GHz with chip antenna
001.012
2606031321000 WURTH-2606031321000 Datasheet
451Kb / 6P
   WIRL-PRO2 Radio module 2.4 GHz with VFL connector
001.012
More results


Similar Description - 2606031121000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
2611011021000 WURTH-2611011021000 Datasheet
458Kb / 6P
   WIRL-PRO2 Thyone-I radio module 2.4GHz T&R
001.000
2609031181000 WURTH-2609031181000 Datasheet
429Kb / 6P
   WIRL-PRO8 Radio module 868MHz
004.000
2611011021010 WURTH-2611011021010 Datasheet
633Kb / 7P
   WIRL-PRO2 Thetis-I Wirepas?줞esh module 2.4GHz T&R
001.000
2608011124010 WURTH-2608011124010 Datasheet
456Kb / 6P
   WIRL-BTLE Bluetooth smart 5.0 Standard-RF Pad
001.022
logo
Murata Manufacturing Co...
WSN802G-E MURATA-WSN802G-E Datasheet
358Kb / 2P
   2.4 GHz Low Power Wi-Fi Radio Module
WSN802GP-E MURATA-WSN802GP-E Datasheet
358Kb / 2P
   2.4 GHz Low Power Wi-Fi Radio Module
WSN802GCA-E MURATA-WSN802GCA-E Datasheet
358Kb / 1P
   2.4 GHz Low Power Wi-Fi Radio Module
logo
ATMEL Corporation
ATR2434 ATMEL-ATR2434 Datasheet
511Kb / 35P
   WirelessUSB 2.4-GHz DSSS Radio SoC
logo
Cypress Semiconductor
CYRF6986 CYPRESS-CYRF6986 Datasheet
1Mb / 23P
   WirelessUSB??LPstar 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com