Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZC199-04S.R7G Datasheet (PDF) - AMAZING Microelectronic Corp.

AZC199-04S.R7G Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZC199-04S.R7G
Download  AZC199-04S.R7G Download

File Size   275.77 Kbytes
Page   11 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Low Capacitance High ESD Level Protection Array For High Speed I/O Port

AZC199-04S.R7G Datasheet (PDF)

Go To PDF Page Download Datasheet
AZC199-04S.R7G Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZC199-04S.R7G
Download  AZC199-04S.R7G Click to download

File Size   275.77 Kbytes
Page   11 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Low Capacitance High ESD Level Protection Array For High Speed I/O Port

AZC199-04S.R7G Datasheet (HTML) - AMAZING Microelectronic Corp.


AZC199-04S.R7G Product details

Features
 ESD Protect for 4 high-speed I/O lines and one
VDD line
 Provide ESD protection for each line to
IEC 61000-4-2,(ESD) ±27kV (air), ±16kV (contact)
IEC 61000-4-4 (EFT) Level-3, 55A (5/50ns)
IEC 61000-4-5 (Lightning) 6A (8/20μs)
 For low operating voltage applications: 5V, 4.2V,
3.3V, 2.5V etc.
 Low capacitance : 1.0pF typical
 Fast turn-on and Low clamping voltage
 Array of ESD rated diodes with internal
equivalent TVS diode
 Solid-state silicon-avalanche and active circuit
triggering technology
 Back-drive protection for power-down mode
 Lead-free version available
 Green part
Applications
 Video Graphics Cards
 Digital Visual Interface (DVI)
 USB2.0 Power and Data lines protection
 Notebook and PC Computers
 Monitors and Flat Panel Displays
Description
AZC199-04S is a design which includes ESD
rated diode arrays to protect high speed data
interfaces. The AZC199-04S has been specifically
designed to protect sensitive components which
are connected to data and transmission lines from
over-voltage caused by Electrostatic Discharging
(ESD).
AZC199-04S is a unique design which includes
ESD rated, low capacitance steering diodes and a
unique design of clamping cell which is an
equivalent TVS diode in a single package. During
transient conditions, the steering diodes direct the
transient to either the power supply line or to
ground line. The internal unique design of
clamping cell prevents over-voltage on the power
line, protecting any downstream components.
Besides, there is a back-drive protection design in
AZC199-04S for power-down mode operation.
AZC199-04S may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).
One AZC199-04S can be used to replace 4
BAV99 devices in a 5V application or a lower
than 5V application.




Similar Part No. - AZC199-04S.R7G

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZC199-04C AMAZING-AZC199-04C Datasheet
283Kb / 10P
   Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2011/07/30
AZC199-04C.R7G AMAZING-AZC199-04C.R7G Datasheet
283Kb / 10P
   Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2011/07/30
More results


Similar Description - AZC199-04S.R7G

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZC199-04C AMAZING-AZC199-04C Datasheet
283Kb / 10P
   Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2011/07/30
AZC299-02S AMAZING-AZC299-02S Datasheet
281Kb / 9P
   Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2011/07/30
AZC199-02S AMAZING-AZC199-02S Datasheet
148Kb / 8P
   Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2016/06/21
AZC299-02R AMAZING-AZC299-02R Datasheet
221Kb / 9P
   Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2011/07/30
AZ1065-06F AMAZING-AZ1065-06F Datasheet
398Kb / 9P
   Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2012/07/11
AZ1145-04F AMAZING-AZ1145-04F Datasheet
196Kb / 8P
   Ultra-Low Capacitance ESD Protection Array For High-Speed I/O Port
Revision 2021/12/29
AZ1165-06Q AMAZING-AZ1165-06Q Datasheet
297Kb / 7P
   Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2013/06/11
AZ1365-06F AMAZING-AZ1365-06F Datasheet
565Kb / 9P
   Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2019/06/14
AZ5313-02F AMAZING-AZ5313-02F Datasheet
127Kb / 7P
   Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2015/11/17
AZ9143-04F AMAZING-AZ9143-04F Datasheet
140Kb / 7P
   Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2015/10/12
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com