Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZC199-04C.R7G Datasheet (PDF) - AMAZING Microelectronic Corp.

AZC199-04C.R7G Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZC199-04C.R7G
Download  AZC199-04C.R7G Download

File Size   283.33 Kbytes
Page   10 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Low Capacitance High ESD Level Protection Array For High Speed I/O Port

AZC199-04C.R7G Datasheet (PDF)

Go To PDF Page Download Datasheet
AZC199-04C.R7G Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZC199-04C.R7G
Download  AZC199-04C.R7G Click to download

File Size   283.33 Kbytes
Page   10 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Low Capacitance High ESD Level Protection Array For High Speed I/O Port

AZC199-04C.R7G Datasheet (HTML) - AMAZING Microelectronic Corp.


AZC199-04C.R7G Product details

Features
 ESD Protect for 4 high-speed I/O lines and one
VDD line
 Provide ESD protection for each line to
IEC 61000-4-2 (ESD) ±15kV (air/contact)
IEC 61000-4-4 (EFT) 50A (5/50ns)
IEC 61000-4-5 (Lightning) 5A (8/20μs)
 For low operating voltage applications: 5V, 4.2V,
3.3V, 2.5V etc.
 Low capacitance : 1.0pF typical
 Fast turn-on and Low clamping voltage
 Array of ESD rated diodes with internal
equivalent TVS diode
 Solid-state silicon-avalanche and active circuit
triggering technology
 Back-drive protection for power-down mode
 Small SOT363 package saves board space
 Green part
Applications
 Video Graphics Cards
 Digital Visual Interface (DVI)
 USB2.0 Power and Data lines protection
 Notebook and PC Computers
 Monitors and Flat Panel Displays
Description
AZC199-04C is a design which includes ESD
rated diode arrays to protect high speed data
interfaces. The AZC199-04C has been specifically
designed to protect sensitive components which
are connected to data and transmission lines from
over-voltage caused by Electrostatic Discharging
(ESD).
AZC199-04C is a unique design which includes
ESD rated, low capacitance steering diodes and a
unique design of clamping cell which is an
equivalent TVS diode in a single package. During
transient conditions, the steering diodes direct the
transient to either the power supply line or to
ground line. The internal unique design of
clamping cell prevents over-voltage on the power
line, protecting any downstream components.
Besides, there is a back-drive protection design in
AZC199-04C for power-down mode operation.
AZC199-04C may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZC199-04C.R7G

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZC199-04S AMAZING-AZC199-04S Datasheet
275Kb / 11P
   Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2015/01/06
AZC199-04S.R7G AMAZING-AZC199-04S.R7G Datasheet
275Kb / 11P
   Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2015/01/06
More results


Similar Description - AZC199-04C.R7G

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZC199-04S AMAZING-AZC199-04S Datasheet
275Kb / 11P
   Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2015/01/06
AZC299-02S AMAZING-AZC299-02S Datasheet
281Kb / 9P
   Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2011/07/30
AZC199-02S AMAZING-AZC199-02S Datasheet
148Kb / 8P
   Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2016/06/21
AZC299-02R AMAZING-AZC299-02R Datasheet
221Kb / 9P
   Low Capacitance High ESD Level Protection Array For High Speed I/O Port
Revision 2011/07/30
AZ1065-06F AMAZING-AZ1065-06F Datasheet
398Kb / 9P
   Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2012/07/11
AZ1145-04F AMAZING-AZ1145-04F Datasheet
196Kb / 8P
   Ultra-Low Capacitance ESD Protection Array For High-Speed I/O Port
Revision 2021/12/29
AZ1165-06Q AMAZING-AZ1165-06Q Datasheet
297Kb / 7P
   Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2013/06/11
AZ1365-06F AMAZING-AZ1365-06F Datasheet
565Kb / 9P
   Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2019/06/14
AZ5313-02F AMAZING-AZ5313-02F Datasheet
127Kb / 7P
   Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2015/11/17
AZ9143-04F AMAZING-AZ9143-04F Datasheet
140Kb / 7P
   Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2015/10/12
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com