Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34903CS3EK/R2 Datasheet (PDF) - NXP Semiconductors

MC34903CS3EK/R2 Datasheet PDF - NXP Semiconductors
Part # MC34903CS3EK/R2
Download  MC34903CS3EK/R2 Download

File Size   4536.55 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description System Basis Chip with CAN High Speed and LIN Interface

MC34903CS3EK/R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34903CS3EK/R2 Datasheet PDF - NXP Semiconductors

Part # MC34903CS3EK/R2
Download  MC34903CS3EK/R2 Click to download

File Size   4536.55 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description System Basis Chip with CAN High Speed and LIN Interface

MC34903CS3EK/R2 Datasheet (HTML) - NXP Semiconductors

Back Button MC34903CS3EK/R2 Datasheet HTML 1Page - NXP Semiconductors MC34903CS3EK/R2 Datasheet HTML 2Page - NXP Semiconductors MC34903CS3EK/R2 Datasheet HTML 3Page - NXP Semiconductors MC34903CS3EK/R2 Datasheet HTML 4Page - NXP Semiconductors MC34903CS3EK/R2 Datasheet HTML 5Page - NXP Semiconductors MC34903CS3EK/R2 Datasheet HTML 6Page - NXP Semiconductors MC34903CS3EK/R2 Datasheet HTML 7Page - NXP Semiconductors MC34903CS3EK/R2 Datasheet HTML 8Page - NXP Semiconductors MC34903CS3EK/R2 Datasheet HTML 9Page - NXP Semiconductors MC34903CS3EK/R2 Datasheet HTML 10Page - NXP Semiconductors Next Button 

MC34903CS3EK/R2 Product details

The 34903/4/5 is the second generation family of the System Basis Chip (SBC). It combines several features and enhances present module designs. The device works as an advanced power management unit for the MCU with additional integrated circuits such as sensors and CAN transceivers. It has a built-in enhanced high-speed CAN interface (ISO11898-2 and -5) with local and bus failure diagnostics, protection, and fail-safe operation modes. The SBC may include zero or one LIN 2.1 interface with LIN output pin switches. It includes up to four wake-up input pins that can also be configured as output drivers for flexibility. This device is powered by SMARTMOS technology.
This device implements multiple Low-power (LP) modes, with very low-current consumption. In addition, the device is part of a family concept where pin compatibility adds versatility to module design.
The 34903/4/5 also implements an innovative and advanced fail-safe state machine and concept solution.

Features
•Voltage regulator for MCU, 5.0 or 3.3 V, part number selectable, with possibility of usage external PNP to extend current capability and share power dissipation
•Voltage, current, and temperature protection
•Extremely low quiescent current in LP modes
•Fully-protected embedded 5.0 V regulator for the CAN driver
•Multiple undervoltage detections to address various MCU specifications and system operation modes (i.e. cranking)
•Auxiliary 5.0 or 3.3 V SPI configurable regulator, for additional ICs, with overcurrent detection and undervoltage protection
•MUX output pin for device internal analog signal monitoring and power supply monitoring
•Advanced SPI, MCU, ECU power supply, and critical pins diagnostics and monitoring.
•Multiple wake-up sources in LP modes: CAN or LIN bus,
I/O transition, automatic timer, SPI message, and VDD overcurrent detection.
•ISO11898-5 high-speed CAN interface compatibility for baud rates of 40 kb/s to 1.0 Mb/s
•Scalable product family of devices ranging from 0 to 1 LIN, compatible to J2602-2 and LIN 2.1

Applications
•Industrial process control
•Automation
•Motor control
•RoboticsSYSTEM




Similar Part No. - MC34903CS3EK/R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34910BAC FREESCALE-MC34910BAC Datasheet
765Kb / 44P
   LIN System Basis Chip with 2x60mA High Side Drivers
MC34910BACR2 FREESCALE-MC34910BACR2 Datasheet
765Kb / 44P
   LIN System Basis Chip with 2x60mA High Side Drivers
MC34910G5AC/R2 FREESCALE-MC34910G5AC/R2 Datasheet
853Kb / 49P
   LIN System Basis Chip with High Side Drivers
MC34911BAC FREESCALE-MC34911BAC Datasheet
827Kb / 45P
   LIN System Basis Chip with DC Motor Pre-driver
MC34911BAC FREESCALE-MC34911BAC Datasheet
1Mb / 92P
   LIN System Basis Chip with DC Motor Pre-driver
More results


Similar Description - MC34903CS3EK/R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
   System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
NXP Semiconductors
MC33907-MC33908D2 NXP-MC33907-MC33908D2 Datasheet
2Mb / 123P
   Power system basis chip with high speed CAN and LIN transceivers
Rev. 5.0, 10/2016
UJA1075 NXP-UJA1075 Datasheet
387Kb / 53P
   High-speed CAN/LIN core system basis chip
Rev. 02-27 May 2010
UJA1075A NXP-UJA1075A Datasheet
393Kb / 54P
   High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
UJA1078 NXP-UJA1078 Datasheet
389Kb / 53P
   High-speed CAN/dual LIN core system basis chip
Rev. 02-27 May 2010
UJA1065 PHILIPS-UJA1065 Datasheet
285Kb / 67P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 01-10 August 2005
UJA1078A NXP-UJA1078A Datasheet
394Kb / 54P
   High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
UJA1078ATW PHILIPS-UJA1078ATW Datasheet
394Kb / 54P
   High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
UJA1065 NXP-UJA1065 Datasheet
470Kb / 76P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 07-25 February 2010
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com