Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ9525-01H Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ9525-01H Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ9525-01H
Download  AZ9525-01H Download
File Size   129.7 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Transient Protection

AZ9525-01H Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ9525-01H Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ9525-01H
Download  AZ9525-01H Click to download

File Size   129.7 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Transient Protection

AZ9525-01H Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ9525-01H Product details

Features
 ESD Protection for 1 Line with Bi-directional.
 Provide ESD protection for the protected line to
IEC 61000-4-2 (ESD) ±18kV (air/contact)
Cable Discharge Event (CDE)
 Ultra-small SOD-523 package saves board
space.
 Protect one I/O line or one power line
 Fast turn-on and Low clamping voltage
 For low operating voltage applications: 5V
maximum
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green Part
 AEC-Q101 qualified
Applications
 Computer Interfaces Protection
 Microprocessors Protection
 Serial and Parallel Ports Protection
 Control Signal Lines Protection
 Power lines on PCB Protection
 Latchup Protection
Description
AZ9525-01H is a design which includes a
bi-directional ESD rated clamping cell to protect
one power line, or one control line, or one low
speed data line in an electronic systems. The
AZ9525-01H has been specifically designed to
protect sensitive components which are
connected to power and control lines from
over-voltage damage and latch-up caused by
Electrostatic Discharging (ESD) and Cable
Discharge Event (CDE).
AZ9525-01H is a unique design which includes
proprietary clamping cells in a single package.
During transient conditions, the proprietary
clamping cells prevent over-voltage on the power
line or control/data lines, protecting any
downstream components.
AZ9525-01H is bi-directional and may be used
on lines where the signal swings above and
below ground.
AZ9525-01H may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ9525-01H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ952 ETC-AZ952 Datasheet
99Kb / 3P
SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ952 AZETTLER-AZ952 Datasheet
128Kb / 3P
SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ952-1C-12DE ETC-AZ952-1C-12DE Datasheet
99Kb / 3P
SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ952-1C-12DE AZETTLER-AZ952-1C-12DE Datasheet
128Kb / 3P
SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ952-1C-12DE ZETTLER-AZ952-1C-12DE Datasheet
47Kb / 2P
SUBMINIATURE POWER RELAY
More results


Similar Description - AZ9525-01H

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ2015-05R AMAZING-AZ2015-05R Datasheet
136Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2016/08/22
AZ2025-04R AMAZING-AZ2025-04R Datasheet
186Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2025-04S AMAZING-AZ2025-04S Datasheet
201Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2215-01L AMAZING-AZ2215-01L Datasheet
164Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2225-01L AMAZING-AZ2225-01L Datasheet
213Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ4007-02S AMAZING-AZ4007-02S Datasheet
237Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/28
AZ4012-01H AMAZING-AZ4012-01H Datasheet
991Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2013/07/08
AZ4012-01L AMAZING-AZ4012-01L Datasheet
145Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/11/10
AZ5013-01H AMAZING-AZ5013-01H Datasheet
145Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/30
AZ9424-01F AMAZING-AZ9424-01F Datasheet
114Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2015/12/07
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com