Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ9424-01F Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ9424-01F Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ9424-01F
Download  AZ9424-01F Download
File Size   114.34 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Transient Protection

AZ9424-01F Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ9424-01F Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ9424-01F
Download  AZ9424-01F Click to download

File Size   114.34 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Transient Protection

AZ9424-01F Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ9424-01F Product details

Features
 ESD Protect for 1 Line with Unidirectional
 Provide ESD protection for each line to
IEC 61000-4-2 (ESD) ±30kV (air/contact)
Cable Discharged Event (CDE)
 Suitable for, 24V and below, operating voltage
applications
 Ultra Small package saves board space
 Protect one I/O line or one power line
 Fast turn-on and Low clamping voltage
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
 AEC-Q101 qualified
Applications
 Automotive Applications
 Battery Contacts
 Power Line Protection
 Power Manager System
 Portable Devices
 Cellular Handsets and Accessories
 Notebooks, desktops, and servers
 Microprocessor-based equipment
 Peripherals
Description
AZ9424-01F is a design which includes a
unidirectional ESD rated clamping cell to protect
one power line, or one control line, or one low
speed data line in an electronic systems. The
AZ9424-01F has been specifically designed to
protect sensitive components which are
connected to power and control lines from
over-voltage damage and latch-up caused by
Electrostatic Discharging (ESD) and Cable
Discharge Event (CDE).
AZ9424-01F is a unique design which includes
proprietary clamping cell in a single package.
During transient conditions, the proprietary
clamping cell prevents over-voltage on the power
line or control/data lines, protecting any
downstream components.
AZ9424-01F may be used to meet the ESD
immunity requirements of IEC61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ9424-01F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ9424-01G AMAZING-AZ9424-01G Datasheet
158Kb / 6P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2017/05/15
AZ9424-01G.R7G AMAZING-AZ9424-01G.R7G Datasheet
158Kb / 6P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2017/05/15
AZ9424-01H AMAZING-AZ9424-01H Datasheet
124Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2015/09/04
AZ9424-01H.R7G AMAZING-AZ9424-01H.R7G Datasheet
124Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2015/09/04
More results


Similar Description - AZ9424-01F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ2015-05R AMAZING-AZ2015-05R Datasheet
136Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2016/08/22
AZ2025-04R AMAZING-AZ2025-04R Datasheet
186Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2025-04S AMAZING-AZ2025-04S Datasheet
201Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2215-01L AMAZING-AZ2215-01L Datasheet
164Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2225-01L AMAZING-AZ2225-01L Datasheet
213Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ4007-02S AMAZING-AZ4007-02S Datasheet
237Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/28
AZ4012-01H AMAZING-AZ4012-01H Datasheet
991Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2013/07/08
AZ4012-01L AMAZING-AZ4012-01L Datasheet
145Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/11/10
AZ5013-01H AMAZING-AZ5013-01H Datasheet
145Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/30
AZ9525-01H AMAZING-AZ9525-01H Datasheet
129Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2015/05/27
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com