Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3020905 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

3020905 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part No. 3020905
Download  3020905 Click to view

File Size   181.78 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-LT Conductive Shielding Gasket

3020905 Datasheet (PDF)

Go To PDF Page Download Datasheet
3020905 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part No. 3020905
Download  3020905 Click to view

File Size   181.78 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-LT Conductive Shielding Gasket

3020905 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.

3020905 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 3020905 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 3020905 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.

3020905 Product details

General Information:
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Flammability: UL94 V-0 (File Number E474708)
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently



Similar Part No. - 3020905

ManufacturerPart No.DatasheetDescription
Schurter Inc.
Schurter Inc.
3020 SCHURTER-3020 Datasheet
371Kb / 3P
   Power Cord with IEC Connector C13
3020 SCHURTER-3020 Datasheet
400Kb / 3P
   Power entry modules without line filter
List of Unclassifed Manufacturers
List of Unclassifed Man...
3020 ETC2-3020 Datasheet
158Kb / 3P
   3/8 Square Drive Sockets, SAE
KR Electronics, Inc.
KR Electronics, Inc.
3020 KR-3020 Datasheet
74Kb / 3P
   20 MHz Bandpass
C&D Technologies
C&D Technologies
3020-01097-0 CANDD-3020-01097-0 Datasheet
876Kb / 4P
   50mV and 100mV Base-Mounted DC Shunts
More results

Similar Description - 3020905

ManufacturerPart No.DatasheetDescription
Wurth Elektronik GmbH & Co. KG, Germany.
Wurth Elektronik GmbH &...
3030602 WURTH-3030602 Datasheet
293Kb / 3P
   WE-LT Conductive Shielding Gasket
3020705 WURTH-3020705 Datasheet
182Kb / 3P
   WE-LT Conductive Shielding Gasket
004.003
3021307 WURTH-3021307 Datasheet
183Kb / 3P
   WE-LT Conductive Shielding Gasket
005.003
3021313 WURTH-3021313 Datasheet
184Kb / 3P
   WE-LT Conductive Shielding Gasket
005.003
3021305 WURTH-3021305 Datasheet
183Kb / 3P
   WE-LT Conductive Shielding Gasket
005.003
3021414 WURTH-3021414 Datasheet
184Kb / 3P
   WE-LT Conductive Shielding Gasket
004.003
3020302 WURTH-3020302 Datasheet
194Kb / 1P
   WE-LT Leitende Textildichtung
3020401 WURTH-3020401 Datasheet
194Kb / 1P
   WE-LT Leitende Textildichtung
3020402 WURTH-3020402 Datasheet
194Kb / 1P
   WE-LT Leitende Textildichtung
3020301 WURTH-3020301 Datasheet
194Kb / 1P
   WE-LT Leitende Textildichtung
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz