Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

P22TG-1205E21H35M Datasheet (PDF) - PEAK electronics GmbH

Part No. P22TG-1205E21H35M
Download   P22TG-1205E21H35M Click to view
File Size   199.15 Kbytes
Page   2 Pages
Maker  PEAK [PEAK electronics GmbH]
Homepage  http://www.peak-electronics.de
Logo 
Description 3.5 KV ISOLATED 5 W REGULATED SINGLE OUTPUT DIP24

P22TG-1205E21H35M Datasheet (HTML) - PEAK electronics GmbH


P22TG-1205E21H35M Datasheet (PDF)

Download Datasheet

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P14TG-1205E21H35M
P14TG-XXXXE2:1H35M 3.5 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P26TG-1205E21H35
3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P26TG-1205E21H35M
3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P14TG-2405E41H35
P14TG-XXXXE4:1H35 3.5 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P18TG-2405E41H35
P18TG-XXXXE4:1H35 3.5 KV ISOLATED 4 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P14TG-2405E41H35M
P14TG-XXXXE4:1H35M 3.5 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P18TG-2405E41H35M
P18TG-XXXXE4:1H35M 3.5 KV ISOLATED 4 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P26TG-2405E41H35
3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P8TG-1205E21H35M
3.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P26TG-2405E41H35M
3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH

Datasheet Page

1  2 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn