Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NVH640S75L4SPC Datasheet (PDF) - ON Semiconductor

NVH640S75L4SPC Datasheet PDF - ON Semiconductor
Part No. NVH640S75L4SPC
Download  NVH640S75L4SPC Click to view

File Size   311.26 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Automotive 750 V, 640 A Single Side Direct Cooling 6-Pack Power Module VE-Trac Direct Module

NVH640S75L4SPC Datasheet (PDF)

Go To PDF Page Download Datasheet
NVH640S75L4SPC Datasheet PDF - ON Semiconductor

Part No. NVH640S75L4SPC
Download  NVH640S75L4SPC Click to view

File Size   311.26 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Automotive 750 V, 640 A Single Side Direct Cooling 6-Pack Power Module VE-Trac Direct Module

NVH640S75L4SPC Datasheet (HTML) - ON Semiconductor

Back Button NVH640S75L4SPC Datasheet HTML 1Page - ON Semiconductor NVH640S75L4SPC Datasheet HTML 2Page - ON Semiconductor NVH640S75L4SPC Datasheet HTML 3Page - ON Semiconductor NVH640S75L4SPC Datasheet HTML 4Page - ON Semiconductor NVH640S75L4SPC Datasheet HTML 5Page - ON Semiconductor NVH640S75L4SPC Datasheet HTML 6Page - ON Semiconductor NVH640S75L4SPC Datasheet HTML 7Page - ON Semiconductor NVH640S75L4SPC Datasheet HTML 8Page - ON Semiconductor NVH640S75L4SPC Datasheet HTML 9Page - ON Semiconductor NVH640S75L4SPC Datasheet HTML 10Page - ON Semiconductor Next Button 

NVH640S75L4SPC Product details

Product Description
The NVH640S75L4SPC is a power module from the VE−Trac
Direct family of highly integrated power modules with industry
standard footprints for Hybrid (HEV) and Electric Vehicle (EV)
traction inverter application.
The module integrates four Field Stop 4 (FS4) 750 V Narrow Mesa
IGBTs in a 6−pack configuration, which excels in providing high
current density, while offering robust short circuit protection and
increased blocking voltage. Additionally, FS4 750 V Narrow Mesa
IGBTs show low power losses during lighter loads, which helps to
improve overall system efficiency in automotive applications.
For assembly ease and reliability, a new generation of press−fit pins
are integrated into the power module signal terminals. In addition, the
power module has an optimized pin−fin heatsink in the baseplate.

Features
• Direct Cooling w/ Integrated Pin−fin Heatsink
• Ultra−low Stray Inductance
• Tvjmax = 175°C Continuous Operation
• Low VCESAT and Switching Losses
• Automotive Grade FS4 750 V Narrow Mesa IGBT
• Fast Recovery Diode Chip Technologies
• 4.2 kV Isolated DBC Substrate
• Easy to Integrate 6−pack Topology
• This Device is Pb−Free and is RoHS Compliant

Typical Applications
• Hybrid and Electric Vehicle Traction Inverter
• High Power Converters



Similar Part No. - NVH640S75L4SPC

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NVH640S75L4SPB ONSEMI-NVH640S75L4SPB Datasheet
478Kb / 12P
   Automotive 750 V, 640 A Single Side Direct Cooling 6-Pack Power Module VE-Trac Direct Module
November, 2021-Rev. 3
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz