![]() |
Electronic Components Datasheet Search |
|
P6MU-0505EH52 Datasheet (PDF) - PEAK electronics GmbH |
P6MU-0505EH52 Datasheet (HTML) - PEAK electronics GmbH |
P6MU-0505EH52 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | P6MU-0505EH52 |
Download | P6MU-0505EH52 Click to view |
File Size | 255.8 Kbytes |
Page | 2 Pages |
Maker | PEAK [PEAK electronics GmbH] |
Homepage | http://www.peak-electronics.de |
Logo | |
Description | 5.2 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
P10DU-0505E | 1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14 | 1 2 | PEAK electronics GmbH |
P10MU-0505E | 3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14 | 1 2 | PEAK electronics GmbH |
P6DU-0505E | 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 | 1 2 | PEAK electronics GmbH |
P6MU-0505E | 3KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 | 1 2 | PEAK electronics GmbH |
P6MU-053R3ZH52 | 5.2 KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14 | 1 2 | PEAK electronics GmbH |
P6MU-0505EH40 | 4 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 | 1 2 | PEAK electronics GmbH |
PZ5MG-0505E | PZ5MGxxxxE 3 KV ISOLATED 0.75 W REGULATED SINGLE OUTPUT DIP14 | 1 2 | PEAK electronics GmbH |
PN6CU-0505E | PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 | 1 2 3 | PEAK electronics GmbH |
P6IU-0505E | 3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT SIP4 | 1 2 | PEAK electronics GmbH |
P6KU-0505E | 3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 | 1 2 | PEAK electronics GmbH |
Datasheet Page |
1 2 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |