Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2702463 Datasheet (PDF) - PHOENIX CONTACT

2702463 Datasheet PDF - PHOENIX CONTACT
Part No. 2702463
Download  2702463 Click to view

File Size   338.99 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Bus coupler - AXL F BK PB XC

2702463 Datasheet (PDF)

Go To PDF Page Download Datasheet
2702463 Datasheet PDF - PHOENIX CONTACT

Part No. 2702463
Download  2702463 Click to view

File Size   338.99 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Bus coupler - AXL F BK PB XC

2702463 Datasheet (HTML) - PHOENIX CONTACT

2702463 Datasheet HTML 1Page - PHOENIX CONTACT 2702463 Datasheet HTML 2Page - PHOENIX CONTACT 2702463 Datasheet HTML 3Page - PHOENIX CONTACT 2702463 Datasheet HTML 4Page - PHOENIX CONTACT 2702463 Datasheet HTML 5Page - PHOENIX CONTACT 2702463 Datasheet HTML 6Page - PHOENIX CONTACT 2702463 Datasheet HTML 7Page - PHOENIX CONTACT 2702463 Datasheet HTML 8Page - PHOENIX CONTACT 2702463 Datasheet HTML 9Page - PHOENIX CONTACT

2702463 Product details

Axioline F XC, Bus coupler, PROFIBUS DP, D-SUB-9 female connector, Extreme conditions version, transmission speed in the local bus: 100 Mbps, degree of protection: IP20, including bus base module and Axioline F connector

Product Description
The bus coupler is intended for use within a PROFIBUS network and represents the link to the Axioline F I/O system.
Up to 63 Axioline F devices can be connected to the bus coupler.
A corresponding GSD file is available for integrating the Axioline F station into the programming system.
It can be downloaded at: phoenixcontact.net/product/2702463

Your advantages
PROFIBUS connection via 9-pos. D-SUB socket
Electrical isolation between PROFIBUS interface and logic
Rotary coding switches for setting the PROFIBUS address
DP/V1 for class 1 and class 2 masters
PROFIBUS data transmission speed of 9.6 kbps to 12 Mbps
Dynamic configuration is supported
I&M functions
Firmware can be updated
Typical cycle time of the Axioline F local bus is around 10 μs
Supports the operation of Axioline Smart Elements
Supports the AXL SE SC slot cover (firmware version 2.20 or later)
Can be used under extreme ambient conditions
Extended temperature range of -40 °C ... +70 °C (see “Tested successfully: use under extreme ambient conditions” in the data sheet)
Partially coated PCBs



Similar Part No. - 2702463

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
2702464 PHOENIX-2702464 Datasheet
546Kb / 9P
   I/O module - AXL F UTH8 XC 1F
12/24/2021
2702465 PHOENIX-2702465 Datasheet
73Kb / 4P
   Maximum security
More results

Similar Description - 2702463

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
2701222 PHOENIX-2701222 Datasheet
314Kb / 9P
   Bus coupler - AXL F BK PN XC
12/24/2021
1167192 PHOENIX-1167192 Datasheet
576Kb / 10P
   Bus coupler - AXL F BK EIP XC
12/24/2021
1068857 PHOENIX-1068857 Datasheet
596Kb / 10P
   Bus coupler - AXL F BK PN TPS XC
12/24/2021
2403869 PHOENIX-2403869 Datasheet
357Kb / 11P
   Bus coupler - AXL F BK PN TPS
12/24/2021
1132800 PHOENIX-1132800 Datasheet
465Kb / 8P
   Bus coupler - AXL P BK PN
12/24/2021
2316390 PHOENIX-2316390 Datasheet
636Kb / 11P
   Bus coupler - AXL P BK PN AF
12/24/2021
105731 PHOENIX-105731 Datasheet
214Kb / 16P
   AXL F BK PN
105610 PHOENIX-105610 Datasheet
281Kb / 28P
   AXL F BK S3
8479 PHOENIX-8479 Datasheet
249Kb / 26P
   AXL F BK EC
2702464 PHOENIX-2702464 Datasheet
546Kb / 9P
   I/O module - AXL F UTH8 XC 1F
12/24/2021
More results

Datasheet Page

1  2  3  4  5  6  7  8  9 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz